データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M050227 データシート(PDF) 1 Page - E-SWITCH

部品番号 M050227
部品情報  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  E-SWITCH [E-SWITCH]
ホームページ  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M050227 データシート(HTML) 1 Page - E-SWITCH

  M050227 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R5BBLKGRNEF2
1:1
3/21/2011
M050227
F
BMA
1
1
2a
2
21
RECOMMENDED PANEL MOUNTING
0.75-1.25
PANEL THICKNESS
1.25-2.00
2.00-3.00
30.6-30.8
30.2-30.4
30.0-30.2
X
32.10
[1.264 in]
25.20
[.992 in]
20.70
[.815 in]
36.00
[1.417 in]
19.50
[.768 in]
3.75
[.148 in]
9.60
[.378 in]
6.35
[.250 in]
27.20
[1.071 in]
17.20
[.677 in]
GREEN
ACTUATOR
E
19771
UPDATE / CONVERT TO INVENTOR
03/18/11
BMA
1
2
1a
2a
CIRCUIT: DPST
ON-OFF
6.90
[.272 in]
2.00
[.079 in]
.80
[.031 in]
11.40
[.449 in]
11.00
[.433 in]
21.70
[.854 in]
X
22.25 `.05
.876 `.002 in
[]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 20A @125VAC 3/4HP UL APPROVED
16A @250VAC 1HP UL APPROVED
16A @ 250VAC 1HP VDE APPROVED
5. ELECTRICAL LIFE: 10,000 CYCLES
6. MECHANICAL LIFE: 30,000 CYCLES
7. CONTACT RESISTANCE: <20 MILLI-OHMS INITIAL
8. DIELECTRIC STRENGTH: >1,500V AC 1MIN
9. INSULATION RESISTANCE: >1000MOHMS
10. OPERATING TEMP: TERMINAL SIDE: -20°C to 85°C
ROCKER SIDE: -20°C to 55°C
11. LAMP: NEON 250V AC
12.
DENOTES CRITICAL PARAMETER.
13. 2002/95/EC (ROHS) COMPLIANT
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
OFF
ON
OPEN
N/A
1-1a, 2-2a
POSITION
3
POSITION
1
BLACK
HOUSING
F
20142
ADD HP RATING
08/31/11
BMA
F


同様の部品番号 - M050227

メーカー部品番号データシート部品情報
logo
E-SWITCH
M050220 E-SWITCH-M050220 Datasheet
164Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M050221 E-SWITCH-M050221 Datasheet
164Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M050222 E-SWITCH-M050222 Datasheet
165Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M050223 E-SWITCH-M050223 Datasheet
159Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M050225 E-SWITCH-M050225 Datasheet
161Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

同様の説明 - M050227

メーカー部品番号データシート部品情報
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com