データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX92213 データシート(PDF) 6 Page - Melexis Microelectronic Systems

部品番号 MLX92213
部品情報  MicroPower & Low-Voltage Hall Effect Latch with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92213 データシート(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX92213 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
390109221302
Rev 003
8 Magnetic Specification
DC Operating Parameters: VDD = 1.6V
Parameter
Symbol
Operating Point
BOP
Release Point
BRP
Hysteresis
BHYST
Operating Point
BOP
Release Point
BRP
Hysteresis
BHYST
Table 5: Magnetic specifications
9 Application Section
9.1 Application Schematics
Fig.1 – Enhanced Power Manageme
1.8V or 3.3V application with MCU inter
the OUT signal and driving the EN
9.2 Recommendation / Comm
A bypass capacitor C1 of 10nF is recom
between the VDD and GND pin, as close
The MLX92213 provides a direct push-pu
resistor or capacitor. The use of the out
between OUT and GND in such a push-
output switches from “0” to “1” leads to a
capacitor).
Using small capacitor value C2 (less than
consumption.
For enhanced power management, the
controlling the state IC and therefore its cu
Standby mode for minimal curren
Default Micropower (EN = “1”)
Faster or slower sampling rate th
For more details on the different mode, ple
For application where standard power manag
should be tied to VDD
ML
MicroPower &
Hall Effect Latch
Page 6 of 10
ons
6V to 3.6V
Test Conditions
Min
Typ
Max
TA = 25°C
0.5
2
4
-4
-2
-0.5
1.5
4
7
TA = -40 to 85oC
0.1
2
5
-5
-2
-0.1
1.5
4
7
MCU
Interface
Input
C2
(optional)
EN
OUT
M
ent Typical
erface reading
N signal
Fig.2 – Standard Power Ma
1.8V or 3.3V application with M
reading the OUT signal with defau
Comments
mmended to ensure supply voltage stability in application
as possible to the MLX92213.
pull output, hence aiming to reduce external component co
tput capacitor C2 connected in parallel to the output is
-pull configuration, the current sinked by the charge of t
n small increase of the average current consumption of t
n 50pF) would avoid having such small increase of the mo
EN (Enable) signal can be driven by an external MCU.
current consumption according the application requirements
ent consumption (EN = “0”)
hrough EN signal
please refer to the Principle of Operation section.
management is enough (default “Micropower” mode, Standb
LX92213
& Low-Voltage
atch with Enable
Data Sheet
Mar/12
Max
Units
4
mT
0.5
mT
7
mT
5
mT
0.1
mT
7
mT
+1.8V / +3.3V
VDD
MLX92213
GND
C1
10nF
anagement
MCU interface
ault “Micropower”
ion. It should be placed
count like output pull-up
s optional. If connected
f the capacitor when the
the whole module (IC +
module average current
CU. It basically allows
s:
andby unused), the EN pin


同様の部品番号 - MLX92213

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211LSE-AAA-000-RE MELEXIS-MLX92211LSE-AAA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211LSE-ACA-000-RE MELEXIS-MLX92211LSE-ACA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
More results

同様の説明 - MLX92213

メーカー部品番号データシート部品情報
logo
Feeling Technology Corp...
FS177 FEELING-FS177 Datasheet
225Kb / 10P
   Low Voltage Hall Effect Latch
logo
List of Unclassifed Man...
US3881 ETC-US3881 Datasheet
117Kb / 6P
   CMOS Low Voltage Hall Effect Latch
logo
Texas Instruments
DRV5011 TI1-DRV5011 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011_1904 TI1-DRV5011_1904 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
logo
Unisonic Technologies
UH266 UTC-UH266_15 Datasheet
183Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266 Datasheet
195Kb / 8P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266 Datasheet
58Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278 Datasheet
59Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278_07 Datasheet
183Kb / 11P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Unisonic Technologies
UH266 UTC-UH266_16 Datasheet
145Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com