データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX92211-BAA データシート(PDF) 5 Page - Melexis Microelectronic Systems

部品番号 MLX92211-BAA
部品情報  3-Wire Hall Effect Latch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92211-BAA データシート(HTML) 5 Page - Melexis Microelectronic Systems

  MLX92211-BAA Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92211-BAA Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92211-BAA Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92211-BAA Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92211-BAA Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92211-BAA Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92211-BAA Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92211-BAA Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92211-BAA Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MLX92211-BAA-xxx
3-Wire Hall Effect Latch
390109221106 – REV 8
Page 5 of 12
Aug/14
5 Magnetic Specifications
5.1 MLX92211LSE-BAA-003
DC Operating Parameters VDD = 3.5V to 24V, TJ = -40°C to 165°C
Test
Condition
Operating Point
BOP (mT)
Release Point
BRP (mT)
TC
(ppm/
oC)
Output
behaviour
Active Pole
Min
Typ
(10)
Max
Min
Typ
(10)
Max
Typ
(10)
Out = Low (VDSON)
TJ = -40°C
-0.8
0.5
2
-2
-0.5
0.8
0
Direct
South pole
TJ = 25°C
-0.8
0.5
2
-2
-0.5
0.8
TJ = 150°C
-0.8
0.5
2
-2
-0.5
0.8
5.2 MLX92211LSE-BAA-006
DC Operating Parameters VDD = 3.5V to 24V, TJ = -40°C to 165°C
Test
Condition
Operating Point
BOP (mT)
Release Point
BRP (mT)
TC
(ppm/
oC)
Output
behaviour
Active Pole
Min
Typ
(10)
Max
Min
Typ
(10)
Max
Typ
(10)
Out = Low (VDSON)
TJ = -40°C
0.5
1.5
3.5
-3.5
-1.5
-0.5
0
Direct
South pole
TJ = 25°C
0.5
1.5
3.5
-3.5
-1.5
-0.5
TJ = 150°C
0.5
1.5
3.5
-3.5
-1.5
-0.5
5.3 MLX92211LSE-BAA-008
DC Operating Parameters VDD = 3.5V to 24V, TJ = -40°C to 165°C
Test
Condition
Operating Point
BOP (mT)
Release Point
BRP (mT)
TC
(ppm/
oC)
Output
behaviour
Active Pole
Min
Typ
(10)
Max
Min
Typ
(10)
Max
Typ
(10)
Out = Low (VDSON)
TJ = -40°C
5.7
8
10.5
-10.5
-8.0
-5.7
-2000
Direct
South pole
TJ = 25°C
5.4
7
8.6
-8.6
-7.0
-5.4
TJ = 150°C
3.4
5.4
7.6
-7.6
-5.4
-3.4
5.4 MLX92211LUA-BAA-015
DC Operating Parameters VDD = 3.5V to 24V, TJ = -40°C to 165°C
Test
Condition
Operating Point
BOP (mT)
Release Point
BRP (mT)
TC
(ppm/
oC)
Output
behaviour
Active Pole
Min
Typ
(10)
Max
Min
Typ
(10)
Max
Typ
(10)
Out = Low (VDSON)
TJ = -40°C
-0.8
0.5
2
-2
-0.5
0.8
0
Direct
South pole
TJ = 25°C
-0.8
0.5
2
-2
-0.5
0.8
TJ = 150°C
-0.8
0.5
2
-2
-0.5
0.8


同様の部品番号 - MLX92211-BAA

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
More results

同様の説明 - MLX92211-BAA

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92214LSE MELEXIS-MLX92214LSE Datasheet
940Kb / 10P
   3-Wire Hall Effect Latch
MLX92215 MELEXIS-MLX92215 Datasheet
872Kb / 13P
   3-Wire Hall Effect Latch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Melexis Microelectronic...
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com