データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX91207 データシート(PDF) 5 Page - Melexis Microelectronic Systems

部品番号 MLX91207
部品情報  High Speed Hall Sensor IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91207 データシート(HTML) 5 Page - Melexis Microelectronic Systems

  MLX91207 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MLX91207
High Speed Hall Sensor IC
39010091207
Page 5 of 21
Data Sheet
Rev. 17
July/12
7 General Electrical Specifications
Operating Parameters TA = -40
oC to 125oC, Vdd = 5.0 V, Iout = +/-2mA, recommended application diagram in
section 14 used, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Nominal Supply Voltage
Vdd
4.5
5
5.5
V
Supply Current
Idd
Without output load
TA = -40oC to 150oC
9
12
mA
Output Current
Iout
-2
2
mA
Output Resistance
Vout = 50% Vdd, RL = 5k
1
5
Output Capacitive Load
Cload
5
10
50
nF
Output Short Circuit Current
Ishort
Output shorted to Vdd - Permanent
Not Destroyed
Output shorted to Vss - Permanent
Not Destroyed
Leakage current
Ileak
High impedance mode (1)
5
uA
Output Voltage Swing (Linear
Range)
Vout_pd
pull down ≥ 10 k
5
95
%Vdd
Vout_pu
pull up ≥ 10 k
5
95
%Vdd
High-impedance mode levels(1)
Vout_HiZ_pu
pull-up RL ≤ 30 k
97
%Vdd
Vout_HiZ_pd
pull-down RL ≤ 30 k
3
%Vdd
BrokenVss Output Levels(1)
OUT with pull-down RL ≤ 10 k
3
%Vdd
OUT with pull-up RL ≤ 30 k
(2)
97
%Vdd
BrokenVdd Output Levels(1)
OUT with pull-down RL ≤ 30 k
(2)
3
%Vdd
OUT with pull-up RL ≤ 30 k
(2)
97
%Vdd
Under-voltage detection (1) (4)
Vdd_uvd
Detected Voltage (L to H)
3.15
3.3
3.45
V
Vdd_uvh
Hysteresis
0.25
0.3
0.4
V
Over-voltage detection mode1 (1) (4)
Vdd_ovd1
Detected Voltage (L to H)
7.9
9.5
V
Vdd_ovh1
Hysteresis
0.8
1.6
V
Over-voltage detection mode 2 (1) (4)
Vdd_ovd2
Detected Voltage (L to H)
6.7
7.6
V
Vdd_ovh2
Hysteresis
0.05
0.5
V
Clamped Output Level
Clamp_lo
Trimming Range
5 (3)
10
%Vdd
Clamp_hi
Trimming Range
90
95 (3)
%Vdd
Table 3: General electrical parameters
(1) Refer to chapter 13 Self-diagnostic, table 15.
(2) Valid for TEMPOUT with pull-up (min. 30k ), pull-down (min. 30k ) or not connected
(3) Factory programmed clamping level
(4) According to the figure below
Figure 3: Detected voltage and hysteresis definitions
Vout
Detected
Voltage
Vdd
Hysteresis


同様の部品番号 - MLX91207

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

同様の説明 - MLX91207

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
   High-Accuracy Hall-Effect Transmission Speed Sensor IC
logo
ELMOS Semiconductor AG
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
   Hall sensor IC
logo
Allegro MicroSystems
ATS19200 ALLEGRO-ATS19200 Datasheet
675Kb / 13P
   High-Accuracy Hall-Effect Wheel Speed Gear Tooth Sensor IC
ATS19420 ALLEGRO-ATS19420 Datasheet
859Kb / 12P
   High-Accuracy Hall-Effect Transmission Speed Gear Tooth Sensor IC
October 31, 2019
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A19301 ALLEGRO-A19301 Datasheet
1Mb / 15P
   ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
logo
Unisonic Technologies
H1277 UTC-H1277_15 Datasheet
201Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC
logo
Melexis Microelectronic...
MLX90290 MELEXIS-MLX90290 Datasheet
338Kb / 14P
   High Speed Programmed Linear Hall IC
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com