データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX91207 データシート(PDF) 8 Page - Melexis Microelectronic Systems

部品番号 MLX91207
部品情報  High Speed Hall Sensor IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91207 データシート(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX91207 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX91207 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
MLX91207
High Speed Hall Sensor IC
39010091207
Page 8 of 21
Data Sheet
Rev. 17
July/12
11 Programmable Items
11.1 Customer Parameter Table
Customers can re-program the parameters described in the table below by using the Melexis PTC-04
hardware and the Product Specific Functions (PSF) libraries provided by Melexis. We recommend using the
latest version of the PSF and the latest version of the firmware with a communication speed of 10kbps
(limited by a maximum output capacitor of 50nF). Software and firmware are available on Melexis Softdist
Website platform. To arrange account and access to Softdist, contact your nearest Melexis Salesperson at
www.melexis.com/contact.aspx.
Parameter
Bits
Factory
Setting
Comment
OUTMODE
1
1
Capacitive load selection
DIAGINFAULT
1
0
Output impedance setting
ROUGHGAIN
3
Trimmed
Rough gain preamplifier
FINEGAIN
10
Trimmed
Fine gain amplifier from 0.4 to 1.0
XA
12
Trimmed
Offset compensation VOQ
PLATEPOL(1)
1
0
Change of sensitivity sign
CLAMPLOW
3
Trimmed
Clamping low level
CLAMPHIGH
3
Trimmed
Clamping high level
FILTCODE
3
0
Analog filter
OUTSLOPE
2
3
Power limitation of the output driver on high frequencies
RATIODIS(1)
1
0(2) / 1(2)
Disable ratiometry between output signal and supply
TC1ST
7
Trimmed
Sensitivity temperature drift correction first order
TC2ND_COLD
5
Trimmed
Sensitivity temperature drift correction second order for cold
TC2ND_HOT
5
Trimmed
Sensitivity temperature drift correction second order for hot
OFFDRIFT_COLD
6
Trimmed
Offset temperature drift correction for cold temperatures
OFFDRIFT_HOT
6
Trimmed
Offset temperature drift correction for hot temperatures
MLXID
48
Programmed MLX ID
CSTID
17
N/A
Customer ID
Table 8: Customer programmable parameters
(1) Changing these parameters has an impact on temperature calibration.
(2) 0 for CAA-005/CAA-007 and 1 for CAA-015


同様の部品番号 - MLX91207

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

同様の説明 - MLX91207

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
   High-Accuracy Hall-Effect Transmission Speed Sensor IC
logo
ELMOS Semiconductor AG
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
   Hall sensor IC
logo
Allegro MicroSystems
ATS19200 ALLEGRO-ATS19200 Datasheet
675Kb / 13P
   High-Accuracy Hall-Effect Wheel Speed Gear Tooth Sensor IC
ATS19420 ALLEGRO-ATS19420 Datasheet
859Kb / 12P
   High-Accuracy Hall-Effect Transmission Speed Gear Tooth Sensor IC
October 31, 2019
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A19301 ALLEGRO-A19301 Datasheet
1Mb / 15P
   ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
logo
Unisonic Technologies
H1277 UTC-H1277_15 Datasheet
201Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC
logo
Melexis Microelectronic...
MLX90290 MELEXIS-MLX90290 Datasheet
338Kb / 14P
   High Speed Programmed Linear Hall IC
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com