データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX91207LDCCAA-005TU データシート(PDF) 6 Page - Melexis Microelectronic Systems

部品番号 MLX91207LDCCAA-005TU
部品情報  High Speed Hall Sensor IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91207LDCCAA-005TU データシート(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX91207LDCCAA-005TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX91207LDCCAA-005TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91207LDCCAA-005TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91207LDCCAA-005TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91207LDCCAA-005TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91207LDCCAA-005TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91207LDCCAA-005TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91207LDCCAA-005TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91207LDCCAA-005TU Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MLX91207
High Speed Hall Sensor IC
39010091207
Page 6 of 21
Data Sheet
Rev. 17
July/12
8 Magnetic specification
Operating Parameters TA = -40
oC to 125oC, Vdd = 5.0 V, unless otherwise specified.
Parameter
Symbol Test Conditions
Min
Typ
Max
Units
Magnetic field range
B
±15
±45
±450
mT
Linearity Error
NL
B = ± 45 mT (TA = 25 °C)
0.1
0.25
±%FS(1)
Programmable Sensitivity
S
15(2)
25(2)
40(2)
mV/mT
5(3)
10(3)
20(3)
mVm/T
Sensitivity programming Resolution
Sres
0.1
%
Table 4: Magnetic specification
(1) By design
(2) MLX91207LDC-CAA-005 / MLX91207LDC-CAA-015
(3) MLX91207LDC-CAA-007
9 Output specification
9.1 Timing specification
Operating Parameters TA = -40
oC to 125oC, Vdd = 5.0 V, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Step Response Time(1)
Tresp
Voq ± 2 V
8
10
µs
Bandwidth
BW
Full Range (referenced to externally
applied field)
60
kHz
Power on Delay
TPOD
Vout =100% of FS
(BW = 100 Hz)
(BW = 1000 Hz)
(BW = 10 kHz)
(BW = 60 kHz – No filter)
0.35
0.25
100
10
ms
ms
ms
ms
Ratiometry Cut-off Frequency
Fratio
250
Hz
Table 5: Timing specification of the analog output
(1) Time interval between when the applied magnetic field reaches 90% of its maximum value and when the
sensor’s output reaches 90% corresponding to this magnetic field


同様の部品番号 - MLX91207LDCCAA-005TU

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

同様の説明 - MLX91207LDCCAA-005TU

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
   High-Accuracy Hall-Effect Transmission Speed Sensor IC
logo
ELMOS Semiconductor AG
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
   Hall sensor IC
logo
Allegro MicroSystems
ATS19200 ALLEGRO-ATS19200 Datasheet
675Kb / 13P
   High-Accuracy Hall-Effect Wheel Speed Gear Tooth Sensor IC
ATS19420 ALLEGRO-ATS19420 Datasheet
859Kb / 12P
   High-Accuracy Hall-Effect Transmission Speed Gear Tooth Sensor IC
October 31, 2019
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A19301 ALLEGRO-A19301 Datasheet
1Mb / 15P
   ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
logo
Unisonic Technologies
H1277 UTC-H1277_15 Datasheet
201Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC
logo
Melexis Microelectronic...
MLX90290 MELEXIS-MLX90290 Datasheet
338Kb / 14P
   High Speed Programmed Linear Hall IC
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com