データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX92211LSE-ADA-000-RE データシート(PDF) 1 Page - Melexis Microelectronic Systems

部品番号 MLX92211LSE-ADA-000-RE
部品情報  3-Wire Hall Effect Latch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92211LSE-ADA-000-RE データシート(HTML) 1 Page - Melexis Microelectronic Systems

  MLX92211LSE-ADA-000-RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92211LSE-ADA-000-RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92211LSE-ADA-000-RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92211LSE-ADA-000-RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92211LSE-ADA-000-RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92211LSE-ADA-000-RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92211LSE-ADA-000-RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92211LSE-ADA-000-RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92211LSE-ADA-000-RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MLX92211-AxA
3-Wire Hall Effect Latch
390109221101
Page 1 of 13
Datasheet
Rev. 007
www.melexis.com
Jan/15
Features and Benefits
 Wide operating voltage range : from 2.7V to 24V
 Chopper-stabilized amplifier stage
 Built-in negative temperature coefficient
 Reverse Supply Voltage Protection
 Output Current Limit with Auto-Shutoff
 Under-Voltage Lockout Protection
 Thermal Protection
 High ESD rating / Excellent EMC performance
Application Examples
 Automotive, Consumer and Industrial
 Solid-state switch
 3-phase BLDC motor commutation
 Wiper motor
 Window lifter
 Sunroof/Tailgate opener
 Seat motor adjuster
 Electrical power steering
Ordering Information
Part No.
Temperature Code
Package Code
Comment
MLX92211LUA-AAA-000-BU
L (-40°C to 150°C)
UA (TO92-3L)
BOP/BRP= ± 3mT, TC = -1100 ppm/°C
MLX92211LUA-ADA-000-BU
L (-40°C to 150°C)
UA (TO92-3L)
BOP/BRP= ± 14mT, TC = -2000 ppm/°C
MLX92211LSE-AAA-000-RE
L (-40°C to 150°C)
SE (TSOT-23)
BOP/BRP= ± 3mT, TC = -1100 ppm/°C
MLX92211LSE-ACA-000-RE
L (-40°C to 150°C)
SE (TSOT-23)
BOP/BRP= ± 3mT, TC = -2000 ppm/°C
MLX92211LSE-ADA-000-RE
L (-40°C to 150°C)
SE (TSOT-23)
BOP/BRP= ± 14mT, TC = -2000 ppm/°C
1 Functional Diagram
2 General Description
The Melexis MLX92211 is the second generation Hall-
effect latch designed in mixed signal CMOS technology.
The device integrates a voltage regulator, Hall sensor with
advanced offset cancellation system and an open-drain
output driver, all in a single package. Based on a brand
new platform, the magnetic core is using an improved
offset cancellation system allowing faster and more
accurate processing while being temperature insensitive
and stress independent. In addition is implemented a
negative temperature coefficient to compensate the
natural behaviour of magnets becoming weaker with rise
in temperature.
The included voltage regulator operates from 2.7 to 24V,
hence covering a wide range of applications. With the
built-in reverse voltage protection, a serial resistor or
diode on the supply line is not required so that even
remote sensors can be specified for low voltage operation
down to 2.7V while being reverse voltage tolerant.
In the event of a drop below the minimum supply voltage
during operation, the under-voltage lock-out protection
will automatically freeze the device, preventing the
electrical
perturbation
to
affect
the
magnetic
measurement circuitry. The output state is therefore only
updated based on a proper and accurate magnetic
measurement result.
The open drain output is fully protected against short-
circuit with a built-in current limit. An additional
automatic output shut-off is activated in case of a
prolonged short-circuit condition. A self-check is then
periodically performed to switch back to normal
operation if the short-circuit condition is released.
The on-chip thermal protection also switches off the
output if the junction temperature increases above an
abnormally high threshold. It will automatically recover
once the temperature decreases below a safe value.
With latching magnetic characteristics, the output is
turned low or high respectively with a sufficiently strong
South or North pole facing the package top side. When
removing the magnetic field, the device keeps its previous
state.
VDD
GND
OUT
Open-Drain
Output
Control
Voltage Regulator
with Reverse Polarity
Protection
CDS
Amplifier
Switched
Hall
Plate
Current
Limit &
Auto-Shutoff
Under-
Voltage
Lockout
Thermal
Protection
Bop/Brp
reference
Temperature
Compensation


同様の部品番号 - MLX92211LSE-ADA-000-RE

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92211LSE-BAA-xxx-RE MELEXIS-MLX92211LSE-BAA-xxx-RE Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
More results

同様の説明 - MLX92211LSE-ADA-000-RE

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92214LSE MELEXIS-MLX92214LSE Datasheet
940Kb / 10P
   3-Wire Hall Effect Latch
MLX92215 MELEXIS-MLX92215 Datasheet
872Kb / 13P
   3-Wire Hall Effect Latch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Melexis Microelectronic...
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com