データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX91207LDCCAA-005RE データシート(PDF) 7 Page - Melexis Microelectronic Systems

部品番号 MLX91207LDCCAA-005RE
部品情報  High Speed Hall Sensor IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91207LDCCAA-005RE データシート(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX91207LDCCAA-005RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91207LDCCAA-005RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91207LDCCAA-005RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91207LDCCAA-005RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91207LDCCAA-005RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91207LDCCAA-005RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91207LDCCAA-005RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91207LDCCAA-005RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX91207LDCCAA-005RE Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MLX91207
High Speed Hall Sensor IC
39010091207
Page 7 of 21
Data Sheet
Rev. 17
July/12
9.2 Accuracy Specification
Operating Parameters TA = -40
oC to 125oC, Vdd = 5.0 V, S = 50 mV/mT, unless otherwise specified.
Specifications are defined for final test conditions: PLATEPOL=0 and RATIODIS=0.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Thermal Offset Drift
TVoq
-0.4
+0.4
%Vdd
Thermal Sensitivity Drift
TC
-150
+150
ppm/°C
RMS Output noise
Nrms
S = 1 %Vdd/mT
(= 300 mV/mT @ Vdd=5V)
0.02
%Vdd
Voq Ratiometry
∆Voq
Voq = 50% Vdd
∆Vdd = 10% Vdd
9.8
10.2
%
Sensitivity Ratiometry
∆S
∆Vdd = 10% Vdd
B = ± 45 mT
9.8
10.2
%
Table 6: Accuracy specific parameters
9.3 Remarks to the achievable accuracy
The achievable target accuracy is dependent on the user’s end of line calibration. The resolution for the offset
and offset drift calibration is better than 0.1%Vdd. The trimming capability is higher than the measurement
accuracy. An end user calibration can increase the accuracy of the system.
10 Thermometer Output
The thermometer output voltage is in the range from 367mV to 2930mV for temperatures ranging from -40°C
to 125°C. The pin shall be able to sustain a low impedance connection to maximum 14V. The output is not
ratiometric.
Parameter
Symbol Test Conditions
Min
Typ
Max
Units
Offset
T35
Output voltage with T = 35degC
1.38
V
Slope
Tslope
13.5
mV/degC
Accuracy
Tacc
-5
5
degC
Load capacitor
CloadTherm
External through bonding wire
1
50
nF
Output current
Iouttherm
-0.1
+0.1
mA
Table 7: Thermometer output specifications


同様の部品番号 - MLX91207LDCCAA-005RE

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

同様の説明 - MLX91207LDCCAA-005RE

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
   High-Accuracy Hall-Effect Transmission Speed Sensor IC
logo
ELMOS Semiconductor AG
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
   Hall sensor IC
logo
Allegro MicroSystems
ATS19200 ALLEGRO-ATS19200 Datasheet
675Kb / 13P
   High-Accuracy Hall-Effect Wheel Speed Gear Tooth Sensor IC
ATS19420 ALLEGRO-ATS19420 Datasheet
859Kb / 12P
   High-Accuracy Hall-Effect Transmission Speed Gear Tooth Sensor IC
October 31, 2019
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A19301 ALLEGRO-A19301 Datasheet
1Mb / 15P
   ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
logo
Unisonic Technologies
H1277 UTC-H1277_15 Datasheet
201Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC
logo
Melexis Microelectronic...
MLX90290 MELEXIS-MLX90290 Datasheet
338Kb / 14P
   High Speed Programmed Linear Hall IC
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com