データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX91204KDCABA-001RE データシート(PDF) 9 Page - Melexis Microelectronic Systems

部品番号 MLX91204KDCABA-001RE
部品情報  360 Degrees Hi-Speed Rotary Position Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91204KDCABA-001RE データシート(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX91204KDCABA-001RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 11Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MLX91204
360 Degrees Hi-Speed Rotary Position Sensor
(Sine/Cosine)
3901091204
Page 9 of 11
Data Sheet
Rev 003
16/Jan/12
10 ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
Always observe Electro Static Discharge control procedures whenever handling semiconductor
products.
11 Package Information
11.1 Package Dimensions
0.19
0.25
NOTES:
All dimensions are in millimeters (anlges in degrees).
* Dimension does not include mold flash, protrusions or
gate burrs (shall not exceed 0.15 per side).
** Dimension does not include interleads flash or protrusion
(shall not exceed 0.25 per side).
*** Dimension does not include dambar protrusion.
Allowable dambar protrusion shall be 0.08 mm total in
excess of the dimension at maximum material condition.
Dambar cannot be located on the lower radius of the foot.
5.84
6.20**
1.27 TYP
4.80
4.98*
1.55
1.73
0.127
0.250
1.40
1.55
0.35
0.49***
3.81
3.99**
0.41
0.89


同様の部品番号 - MLX91204KDCABA-001RE

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX91205 MELEXIS-MLX91205 Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAH-003RE MELEXIS-MLX91205KDCAAH-003RE Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAH-003TU MELEXIS-MLX91205KDCAAH-003TU Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAL-003RE MELEXIS-MLX91205KDCAAL-003RE Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAL-003TU MELEXIS-MLX91205KDCAAL-003TU Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
More results

同様の説明 - MLX91204KDCABA-001RE

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
MODEL601-1045 VISHAY-MODEL601-1045 Datasheet
226Kb / 3P
   Full 360° Smart Position Sensor
Revision: 20-Mar-07
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
   Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
   Rotary Position Sensor
logo
Vishay Siliconix
601-1045 VISHAY-601-1045 Datasheet
226Kb / 3P
   Full 360° Smart Position Sensor
Revision: 20-Mar-07
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
   Absolute Rotary Position Sensor
logo
ams AG
AS5132 AMSCO-AS5132_V01 Datasheet
1Mb / 40P
   360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
2016-Jan-26
logo
Melexis Microelectronic...
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
   Rotary Position Sensor IC
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
   Rotary Position Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com