データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX91206LDCCAH-002TU データシート(PDF) 11 Page - Melexis Microelectronic Systems

部品番号 MLX91206LDCCAH-002TU
部品情報  IMC-HallCurrent Sensor (TriaxisTechnology)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91206LDCCAH-002TU データシート(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX91206LDCCAH-002TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91206LDCCAH-002TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91206LDCCAH-002TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91206LDCCAH-002TU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX91206LDCCAH-002TU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX91206LDCCAH-002TU Datasheet HTML 12Page - Melexis Microelectronic Systems MLX91206LDCCAH-002TU Datasheet HTML 13Page - Melexis Microelectronic Systems MLX91206LDCCAH-002TU Datasheet HTML 14Page - Melexis Microelectronic Systems MLX91206LDCCAH-002TU Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
MLX91206
IMC-Hall
®
Current Sensor (Triaxis
®
Technology)
3901091206
Page 11
Datasheet MLX91206
Rev 043
April 2016
11.2 Output mode configuration (DSPMODE, OUTMODE)
DSPMODE activates the PWM or the analog mode for the output signal. OUTMODE configures the output
driver.
DSPMODE
OUTMODE
Output Driver
0
0
Fast analog mode, CL = 1nF..10nF
(1) (2)(3)
0
1
Normal analog mode, CL = 5nF..50nF
(1) (2)(4)
1
0
PWM mode – Open drain
1
1
PWM mode – Push pull
Table 13: Output configuration
(1) See section 16, CL = C4.
(2) Factory setting: DSPMODE = 0, OUTMODE = 1.
(3) For applications directly integrated on a PCB, smaller capacitors are allowed at the output pins.
(4) For a standalone application where a cable is connected at the output of the sensor.
11.3 Output impedance mode (DIAGINFAULT)
DIAGINFAULT sets the output impedance mode.
DIAGINFAULT
Output impedance
0
Low impedance mode (normal mode)
1
High impedance mode (diagnostic level)
11.4 Reference edge (REFEDGE)
– only in PWM mode
REFEDGE defines the diagnostic level and sets the reference edge.
REFEDGE
Reference edge
(PWM)
0
Falling edge
1
Rising edge
11.5 PWM/switch mode (SWITCH)
In PWM mode, the output can be configured to switch mode.
SWITCH
Operating mode
0
Disable switch mode
1
Enable switch mode


同様の部品番号 - MLX91206LDCCAH-002TU

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

同様の説明 - MLX91206LDCCAH-002TU

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX91205 MELEXIS-MLX91205 Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91208 MELEXIS-MLX91208 Datasheet
975Kb / 17P
   IMC-Hall Current Sensor (TriaxisTechnology)
CSA-1V MELEXIS-CSA-1V Datasheet
353Kb / 6P
   IMC-Hall짰 Current Sensor
MLX91208 MELEXIS-MLX91208_18 Datasheet
1Mb / 20P
   IMC-Hall짰 Current Sensor (Triaxis짰Technology)
logo
PHOENIX CONTACT
1857896 PHOENIX-1857896 Datasheet
133Kb / 6P
   IMC 1,5/ 3-ST-3,81
1857948 PHOENIX-1857948 Datasheet
137Kb / 6P
   IMC 1,5/ 8-ST-3,81
1857883 PHOENIX-1857883 Datasheet
133Kb / 6P
   IMC 1,5/ 2-ST-3,81
1857906 PHOENIX-1857906 Datasheet
133Kb / 6P
   IMC 1,5/ 4-ST-3,81
logo
3M Electronics
IMC 3M-IMC Datasheet
325Kb / 4P
   LifeASSURE??IMC Series Filter Cartridge
logo
PHOENIX CONTACT
1857922 PHOENIX-1857922 Datasheet
137Kb / 6P
   IMC 1,5/ 6-ST-3,81
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com