データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX91204KDCABA-002RE データシート(PDF) 6 Page - Melexis Microelectronic Systems

部品番号 MLX91204KDCABA-002RE
部品情報  360 Degrees Hi-Speed Rotary Position Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91204KDCABA-002RE データシート(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX91204KDCABA-002RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MLX91204
360 Degrees Hi-Speed Rotary Position Sensor
(Sine/Cosine)
3901091204
Page 6 of 11
Data Sheet
Rev 003
16/Jan/12
From the previous table and the ageing data, the intrinsic angular linearity error (in Degree)
can be derived from the individual contributions as it follows:
Test Conditions
Parameters
Output Swing
Unit
± 1 V
± 2 V
Room Temperature
(TA = 25 Deg.C.)
Offset
± 0.8
± 0.4
Degree
Sensitivity Mismatch
± 0.84
± 0.84
Degree
Phase Mismatch
± 1
± 1
Degree
Total
± 2.64
± 2.24
Degree
Temperature Range
(TA = -40 … 125 Deg.C.)
Offset
± 0.8
± 0.4
Degree
Sensitivity Mismatch
± 0.34
± 0.34
Degree
Phase Mismatch
± 0.12
± 0.12
Degree
Total
± 1.26
± 0.86
Degree
Lifetime/Ageing
(HTOL 1000 hours – 5.0 V –
150 Deg.C.)
Offset
± 0.8
± 0.4
Degree
Sensitivity Mismatch
± 0.1
± 0.1
Degree
Phase Mismatch
± 0.1
± 0.1
Degree
Total
± 1.00
± 0.60
Degree
Overall Linearity Error
Excl. Ageing
± 3.90
± 3.10
Degree
Incl. Ageing
± 4.90
± 3.70
Degree
The intrinsic linearity error refers only to the linearity error associated to the MLX91204. The
linearity error associated to the magnetic and mechanical (off-axis, excentricity) design is not
included and should be considered as an additional contribution.
For more information, please refer to the application note:
http://www.melexis.com/Assets/Magnet_Application_Note_MLX90316_5221.aspx
The total error can be reduced either statically (room temperature compensation) or
dynamically (continuous compensation) through the off-chip signal processing performing the
angular computation i.e. arctan(Y_OUT/X_OUT). The compensation is applied prior to computing
the arctangent function: offset, gain and phase correction can be applied.
For more information, please refer to the application note:
http://www.melexis.com/Assets/Front-End_Calibration_of_MLX90316_5252.aspx


同様の部品番号 - MLX91204KDCABA-002RE

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX91205 MELEXIS-MLX91205 Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAH-003RE MELEXIS-MLX91205KDCAAH-003RE Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAH-003TU MELEXIS-MLX91205KDCAAH-003TU Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAL-003RE MELEXIS-MLX91205KDCAAL-003RE Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAL-003TU MELEXIS-MLX91205KDCAAL-003TU Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
More results

同様の説明 - MLX91204KDCABA-002RE

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
MODEL601-1045 VISHAY-MODEL601-1045 Datasheet
226Kb / 3P
   Full 360° Smart Position Sensor
Revision: 20-Mar-07
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
   Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
   Rotary Position Sensor
logo
Vishay Siliconix
601-1045 VISHAY-601-1045 Datasheet
226Kb / 3P
   Full 360° Smart Position Sensor
Revision: 20-Mar-07
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
   Absolute Rotary Position Sensor
logo
ams AG
AS5132 AMSCO-AS5132_V01 Datasheet
1Mb / 40P
   360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
2016-Jan-26
logo
Melexis Microelectronic...
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
   Rotary Position Sensor IC
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
   Rotary Position Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com