データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX91204KDCABA-002RE データシート(PDF) 11 Page - Melexis Microelectronic Systems

部品番号 MLX91204KDCABA-002RE
部品情報  360 Degrees Hi-Speed Rotary Position Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91204KDCABA-002RE データシート(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX91204KDCABA-002RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX91204KDCABA-002RE Datasheet HTML 11Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MLX91204
360 Degrees Hi-Speed Rotary Position Sensor
(Sine/Cosine)
3901091204
Page 11 of 11
Data Sheet
Rev 003
16/Jan/12
12
Disclaimer
Devices sold by Melexis are covered by the warranty and patent indemnification provisions appearing in its
Term of Sale. Melexis makes no warranty, express, statutory, implied, or by description regarding the
information set forth herein or regarding the freedom of the described devices from patent infringement.
Melexis reserves the right to change specifications and prices at any time and without notice. Therefore, prior
to designing this product into a system, it is necessary to check with Melexis for current information. This
product is intended for use in normal commercial applications. Applications requiring extended temperature
range, unusual environmental requirements, or high reliability applications, such as military, medical life-
support or life-sustaining equipment are specifically not recommended without additional processing by
Melexis for each application.
The information furnished by Melexis is believed to be correct and accurate. However, Melexis shall not be
liable to recipient or any third party for any damages, including but not limited to personal injury, property
damage, loss of profits, loss of use, interrupt of business or indirect, special incidental or consequential
damages, of any kind, in connection with or arising out of the furnishing, performance or use of the technical
data herein. No obligation or liability to recipient or any third party shall arise or flow out of Melexis’ rendering
of technical or other services.
© 2012 Melexis NV. All rights reserved.
For the latest version of this document, go to our website at
www.melexis.com
Or for additional information contact Melexis Direct:
Europe, Africa, Asia:
America:
Phone: +32 1367 0495
Phone: +1 248 306 5400
E-mail: sales_europe@melexis.com
E-mail: sales_usa@melexis.com
ISO/TS 16949 and ISO14001 Certified


同様の部品番号 - MLX91204KDCABA-002RE

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX91205 MELEXIS-MLX91205 Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAH-003RE MELEXIS-MLX91205KDCAAH-003RE Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAH-003TU MELEXIS-MLX91205KDCAAH-003TU Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAL-003RE MELEXIS-MLX91205KDCAAL-003RE Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAL-003TU MELEXIS-MLX91205KDCAAL-003TU Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
More results

同様の説明 - MLX91204KDCABA-002RE

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
MODEL601-1045 VISHAY-MODEL601-1045 Datasheet
226Kb / 3P
   Full 360° Smart Position Sensor
Revision: 20-Mar-07
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
   Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
   Rotary Position Sensor
logo
Vishay Siliconix
601-1045 VISHAY-601-1045 Datasheet
226Kb / 3P
   Full 360° Smart Position Sensor
Revision: 20-Mar-07
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
   Absolute Rotary Position Sensor
logo
ams AG
AS5132 AMSCO-AS5132_V01 Datasheet
1Mb / 40P
   360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
2016-Jan-26
logo
Melexis Microelectronic...
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
   Rotary Position Sensor IC
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
   Rotary Position Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com