データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX90815 データシート(PDF) 1 Page - Melexis Microelectronic Systems

部品番号 MLX90815
部品情報  Discrete Absolute Pressure Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90815 データシート(HTML) 1 Page - Melexis Microelectronic Systems

  MLX90815 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90815 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90815 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90815 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90815 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90815 Datasheet HTML 6Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MLX90815
Discrete Absolute Pressure Sensor
1.
Features and Benefits
 High sensitivity
 Outstanding linearity
 High stability and reliability
 0 – 10..30Bar Absolute pressure sensor
 Fully automotive qualified beyond
AEC-Q100 requirements
 Compact design
2.
Application Examples
 Automotive applications:
Engine/Transmission oil pressure
HVAC pressure
 Multi-Market:
HVAC/Refrigeration
Industrial process controls
Appliance
Consumer electronics
Ships and marine systems
Medical instruments
3.
Ordering Information
Product Code
Temperature
Code
Package Code
Option Code
Packing Form
Code
MLX90815
L
UF
ACA-000
WB
Legend:
Temperature Code:
L(-40°C to 150°C)
Package Code:
UF=Die on Foil
Option Code:
AAA-000
Packing Form:
WB = Wafer Box
Ordering example:
MLX90815LUF-ACA-000-WB
4.
Functional Diagram
Figure 4-1 Functional block diagram MLX90815
5.
General Description
The
MLX90815
discrete
micromachined
absolute
pressure
sensors
has
been
designed for an optimal performance when
sensing pressures from 0 to 10..30 bar
absolute. This device is fully automotive
qualified. It can directly be used in non
corrosive/non aggressive media applications.
For harsh media, the MLX90815 can be used
in a fluid filled module design. The sensor is
a piezoresistive wheatstone bridge on a
membrane
made
with
a
silicon
micromachining process. As pressure is
applied on the membrane a differential
voltage
change
is
seen
across
the
Wheatstone bridge outputs while a bias
voltage is applied to the bridge inputs.
The MLX90815 can be used in combination
with the Melexis sensor interfaces ICs that
can perform the conditioning of the bridge
signal
(MLX90328,
MLX90329).
3901090815
Page 1 of 6
Data Sheet
Rev 1
Dec 2014


同様の部品番号 - MLX90815

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX90816 MELEXIS-MLX90816 Datasheet
141Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90816LUFABA-000WB MELEXIS-MLX90816LUFABA-000WB Datasheet
141Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90817 MELEXIS-MLX90817 Datasheet
992Kb / 25P
   Absolute Pressure Sensor IC
MLX90817KXEDBH-008RE MELEXIS-MLX90817KXEDBH-008RE Datasheet
992Kb / 25P
   Absolute Pressure Sensor IC
MLX90817LXE-DBG-010 MELEXIS-MLX90817LXE-DBG-010 Datasheet
992Kb / 25P
   Absolute Pressure Sensor IC
More results

同様の説明 - MLX90815

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX90816 MELEXIS-MLX90816 Datasheet
141Kb / 6P
   Discrete Absolute Pressure Sensor
logo
Infineon Technologies A...
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
   Absolute Pressure Sensor
Rev 1.01, 2007-11-23
logo
Omron Electronics LLC
2SMPB-01-01 OMRON-2SMPB-01-01 Datasheet
2Mb / 18P
    Absolute Pressure Sensor
logo
Silicon Microstructures...
SM5420E SMI-SM5420E Datasheet
539Kb / 5P
   Absolute Pressure Sensor
logo
Infineon Technologies A...
KP123 INFINEON-KP123 Datasheet
722Kb / 24P
   Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP124 INFINEON-KP124 Datasheet
727Kb / 24P
   Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP126N6165 INFINEON-KP126N6165 Datasheet
778Kb / 24P
   Absolute Pressure Sensor
November 2007 Rev 1.02
KP125 INFINEON-KP125 Datasheet
729Kb / 24P
   Absolute Pressure Sensor
Rev 2.14, 2007-11-23
logo
VTI technologies
SCP1000 VTI-SCP1000 Datasheet
287Kb / 7P
   ABSOLUTE PRESSURE SENSOR
logo
Melexis Microelectronic...
MLX90818 MELEXIS-MLX90818 Datasheet
1Mb / 37P
   Absolute Pressure Sensor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com