データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX90640ESFBAB000TU データシート(PDF) 5 Page - Melexis Microelectronic Systems

部品番号 MLX90640ESFBAB000TU
部品情報  MLX90640 32x24 IR array
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90640ESFBAB000TU データシート(HTML) 5 Page - Melexis Microelectronic Systems

  MLX90640ESFBAB000TU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90640ESFBAB000TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90640ESFBAB000TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90640ESFBAB000TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90640ESFBAB000TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90640ESFBAB000TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90640ESFBAB000TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90640ESFBAB000TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90640ESFBAB000TU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MLX90640 32x24 IR array
Short form Datasheet
Page 5 of 12
REVISION 3 – NOVEMBER 4, 2016
6. Pin Definitions and Descriptions
6.1. Pin Definition
Pin #
Name
Description
1
SDA
I
2C serial data (input / output)
2
VDD
Positive supply
3
GND
Negative supply (Ground)
4
SCL
I
2C serial clock (input only)
Table 3 Pin definition
6.2. Absolute Maximum Ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remark
Supply Voltage (over voltage)
VDD
5
V
Supply Voltage (operating max voltage)
VDD
3.6
Reverse Voltage (each pin)
-0.3
V
Operating Temperature
TAMB
-40
+85
°C
Storage Temperature
TST
-40
+125
°C
ESD sensitivity (AEC Q100 002)
2
kV
SDA DC sink current
40
mA
Table 4 Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute maximum-
rated conditions for extended periods may affect device reliability.


同様の部品番号 - MLX90640ESFBAB000TU

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX90641 MELEXIS-MLX90641 Datasheet
2Mb / 53P
   16x12 IR array
More results

同様の説明 - MLX90640ESFBAB000TU

メーカー部品番号データシート部品情報
logo
SparkFun Electronics
SEN-14843 SPARKFUN-SEN-14843 Datasheet
367Kb / 2P
   SparkFun IR Array Breakout 110 Degree FOV, MLX90640 (Qwiic)
10-2-18
SEN-14844 SPARKFUN-SEN-14844 Datasheet
365Kb / 2P
   SparkFun IR Array Breakout 55 Degree FOV, MLX90640 (Qwiic)
10-2-18
logo
Bedford Opto Technology...
SSA-005E BOT-SSA-005E Datasheet
37Kb / 2P
   Miniature IR Array
logo
Melexis Microelectronic...
MLX90641 MELEXIS-MLX90641 Datasheet
2Mb / 53P
   16x12 IR array
logo
Bedford Opto Technology...
SSA-005-2 BOT-SSA-005-2 Datasheet
37Kb / 2P
   Miniature IR Array
logo
Melexis Microelectronic...
MLX90621 MELEXIS-MLX90621 Datasheet
1Mb / 44P
   16x4 IR array
logo
KODENSHI_AUK CORP.
KME-M002C KODENSHI-KME-M002C Datasheet
96Kb / 1P
   IR Sensor
logo
Axiomtek Co., Ltd.
DSA-132 AXIOMTEK-DSA-132 Datasheet
235Kb / 1P
   IR touchscreen
logo
KODENSHI_AUK CORP.
KME-M002C KODENSHI-KME-M002C_07 Datasheet
150Kb / 2P
   IR Sensor
logo
OSRAM GmbH
SFH4787S OSRAM-SFH4787S Datasheet
592Kb / 12P
   IR OSLUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com