データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX91206LDCCAH-104RE データシート(PDF) 8 Page - Melexis Microelectronic Systems

部品番号 MLX91206LDCCAH-104RE
部品情報  IMC-HallCurrent Sensor (TriaxisTechnology)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91206LDCCAH-104RE データシート(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX91206LDCCAH-104RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91206LDCCAH-104RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91206LDCCAH-104RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91206LDCCAH-104RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91206LDCCAH-104RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91206LDCCAH-104RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91206LDCCAH-104RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX91206LDCCAH-104RE Datasheet HTML 11Page - Melexis Microelectronic Systems MLX91206LDCCAH-104RE Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
MLX91206
IMC-Hall
®
Current Sensor (Triaxis
®
Technology)
3901091206
Page 8
Datasheet MLX91206
Rev 043
April 2016
9 PWM output specification
9.1 Timing specification for the PWM output
Operating Parameters TA = -40 to 125degC, Vdd = 4.5 V to 5.5 V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Main Oscillator Frequency
FOSC
Tolerance
 10%
900
1024
1100
kHz
PWM Output Frequency
FPWM
110
125
140
Hz
Tick Time (resolution in time
domain)
tTICK
1
µs
PWM Output Resolution
R(PWM)
12 Bit, Theoretical Jitter free
0.025
%DC
PWM Jitter (1 Sigma)
J (PWM)
FILTCODE = 5
(70 Hz Digital LowPass Filter)
0.01
%DC
(1 Sigma)
Output Rise Time
(10%-90%)
tRISEOD
Push-pull mode
RL = 4.7 k
 to 5 V, CL = 10 nF
OUTSLOPE = 0
11
µs
OUTSLOPE = 1
7
μs
OUTSLOPE = 2
4
μs
OUTSLOPE = 3
2.5
μs
Output Fall Time
(90%-10%)
TFALLOD
Push-pull or open-drain mode
RL = 4.7 k
 to 5 V, CL = 10 nF
OUTSLOPE = 0
14
µs
OUTSLOPE = 1
8
μs
OUTSLOPE = 2
4.5
μs
OUTSLOPE = 3
2.5
μs
Clamped Output Level
Clamp_lo
Programmable
1
10
%DC
Clamp_hi
Programmable
90
99
%DC
Power-on delay
TPOD
11
ms
Table 8: Timing specification for the PWM output


同様の部品番号 - MLX91206LDCCAH-104RE

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

同様の説明 - MLX91206LDCCAH-104RE

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX91205 MELEXIS-MLX91205 Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91208 MELEXIS-MLX91208 Datasheet
975Kb / 17P
   IMC-Hall Current Sensor (TriaxisTechnology)
CSA-1V MELEXIS-CSA-1V Datasheet
353Kb / 6P
   IMC-Hall짰 Current Sensor
MLX91208 MELEXIS-MLX91208_18 Datasheet
1Mb / 20P
   IMC-Hall짰 Current Sensor (Triaxis짰Technology)
logo
PHOENIX CONTACT
1857896 PHOENIX-1857896 Datasheet
133Kb / 6P
   IMC 1,5/ 3-ST-3,81
1857948 PHOENIX-1857948 Datasheet
137Kb / 6P
   IMC 1,5/ 8-ST-3,81
1857883 PHOENIX-1857883 Datasheet
133Kb / 6P
   IMC 1,5/ 2-ST-3,81
1857906 PHOENIX-1857906 Datasheet
133Kb / 6P
   IMC 1,5/ 4-ST-3,81
logo
3M Electronics
IMC 3M-IMC Datasheet
325Kb / 4P
   LifeASSURE??IMC Series Filter Cartridge
logo
PHOENIX CONTACT
1857922 PHOENIX-1857922 Datasheet
137Kb / 6P
   IMC 1,5/ 6-ST-3,81
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com