データシートサーチシステム |
|
LM3352MTCX-3.0 データシート(PDF) 4 Page - National Semiconductor (TI) |
|
|
LM3352MTCX-3.0 データシート(HTML) 4 Page - National Semiconductor (TI) |
4 / 11 page Electrical Characteristics (Continued) Limits in standard typeface are for T J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un- less otherwise specified: C 1 = C2 = C3 = 0.33 µF; CIN = 15 µF; COUT = 33 µF; VIN = 3.5V. Parameter Conditions Min Typ Max Units LM3352-ALL OUTPUT VOLTAGE VERSIONS SD Input Current Measured at SD Pin; SD Pin = V IN = 5.5V 0.1 1.0 µA Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device beyond its rated operating conditions. Note 2: As long as TA ≤ +85˚C, all electrical characteristics hold true for the 3.0V and 3.3V options at all current loads and the 2.5V option at all loads when VIN ≤ 5V. For VIN > 5V with the 2.5V option, the junction temperature rise above ambient is: ∆T = 540IL−23 where IL is in amps. The output current must be derated at higher ambient temperatures to make sure TJ does not exceed 150˚C when operating the 2.5V option at VIN > 5V. Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k Ω resistor into each pin. The machine model is a 200 pF capacitor discharged di- rectly into each pin. Note 4: The VOUT pin is forced to 200 mV above the typical VOUT. This is to insure that the internal switches are off. Note 5: The output capacitor COUT is fully discharged before measurement. Typical Performance Characteristics Unless otherwise specified T A = 25˚C. V OUT vs. VIN DS101037-4 V OUT vs. VIN DS101037-5 V OUT vs. VIN DS101037-6 V OUT vs. VIN DS101037-7 www.national.com 4 |
同様の部品番号 - LM3352MTCX-3.0 |
|
同様の説明 - LM3352MTCX-3.0 |