データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX92242 データシート(PDF) 11 Page - Melexis Microelectronic Systems

部品番号 MLX92242
部品情報  2-Wire EOL programmable Hall Effect Latch/Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92242 データシート(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX92242 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 13Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MLX92242
2-Wire EOL programmable Hall Effect Latch/Switch
3901092242
Page 11 of 13
Data Sheet
Rev 2
May/14
15.
Package Information
15.1 UA (TO92-3L) Package Information
4.10
+/-0.20
0.46
+0.03
- 0.03
0.38
+/-0.03
1.27
+/-0.055
2.54
+/-0.055
0.00
0.15
1.50
+/-0.10
7° Typ
7° Typ
0.38
+/-0.03
7° NOM
45° NOM
Notes:
1. All dimensions are in millimeters
2. Package dimension exclusive molding flash.
3. The end flash shall not exceed 0.127 mm on
the top side.
Marking:
1
st Line : xxx – last three digits from lot number
2
nd Line : yww
y - last digit of year
ww - calendar week
Hall plate location
Notes:
1. All dimensions are in millimeters
2.62
+0.10
- 0.11
0.74
+0.10
- 0.11
0.44
+/-0.05
Marked side
1
2
3
0.55
+0.11
- 0.10
2.054
+/-0.175
Table 4: UA Package pinout
UA Pin
Nam
e
Type
Function
1
VDD
Supply
Supply Voltage
pin
2
GND
Ground
Ground pin
3
TEST
I/O
For Melexis use
only


同様の部品番号 - MLX92242

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241-AAA MELEXIS-MLX92241-AAA Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-LSERE MELEXIS-MLX92241LSE-AAA-LSERE Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
More results

同様の説明 - MLX92242

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92232 MELEXIS-MLX92232_18 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
logo
Allegro MicroSystems
APS11900 ALLEGRO-APS11900 Datasheet
1Mb / 21P
   Two-Wire End-of-Line Programmable Hall-Effect Switch/Latch
logo
Melexis Microelectronic...
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com