データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX92241LUA-AAA-LUABU データシート(PDF) 8 Page - Melexis Microelectronic Systems

部品番号 MLX92241LUA-AAA-LUABU
部品情報  2-Wire Hall Effect Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92241LUA-AAA-LUABU データシート(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX92241LUA-AAA-LUABU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92241LUA-AAA-LUABU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92241LUA-AAA-LUABU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92241LUA-AAA-LUABU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92241LUA-AAA-LUABU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92241LUA-AAA-LUABU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92241LUA-AAA-LUABU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92241LUA-AAA-LUABU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX92241LUA-AAA-LUABU Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MLX92241-AAA
2-Wire Hall Effect Switch
390109224100 Rev. 1
Page 8 of 16
June/13
5.9 MLX92241LSE-AAA-013
DC Operating Parameters VDD = 3.5 to 24V, TJ = -40°C to 165°C (unless otherwise specified)
Test
Condition
Operating Point
BOP (mT)
Release Point
BRP (mT)
TC
(ppm/
oC)
Ioff
(mA)
Output Polarity
& Active Pole
Min
Typ
(10)
Max
Min
Typ
(10)
Max
Typ
(10)
Typ
(10)
TJ = -40°C
6
9.2
12
5
7.2
10.5
0
6
Inverted
South pole
TJ = 25°C
6
9.2
12
5
7.2
10.5
TJ = 150°C
5.7
9.2
12.5
4.6
7.2
11
5.10 MLX92241LSE-AAA-014
DC Operating Parameters VDD = 3.5 to 24V, TJ = -40°C to 165°C (unless otherwise specified)
Test
Condition
Operating Point
BOP (mT)
Release Point
BRP (mT)
TC
(ppm/
oC)
Ioff
(mA)
Output Polarity
& Active Pole
Min
Typ
(10)
Max
Min
Typ
(10)
Max
Typ
(10)
Typ
(10)
TJ = -40°C
6
9.2
12
5
7.2
10.5
0
3.3
Inverted
South pole
TJ = 25°C
6
9.2
12
5
7.2
10.5
TJ = 150°C
5.7
9.2
12.5
4.6
7.2
11
5.11 MLX92241LSE-AAA-015
DC Operating Parameters VDD = 3.5 to 24V, TJ = -40°C to 165°C (unless otherwise specified)
Test
Condition
Operating Point
BOP (mT)
Release Point
BRP (mT)
TC
(ppm/
oC)
Ioff
(mA)
Output Polarity
& Active Pole
Min
Typ
(10)
Max
Min
Typ
(10)
Max
Typ
(10)
Typ
(10)
TJ = 25°C
6
9.2
12
5
7.2
10.5
-2000
6
Direct
South pole
5.12 MLX92241LSE-AAA-016
DC Operating Parameters VDD = 3.5 to 24V, TJ = -40°C to 165°C (unless otherwise specified)
Test
Condition
Operating Point
BOP (mT)
Release Point
BRP (mT)
TC
(ppm/
oC)
Ioff
(mA)
Output Polarity
& Active Pole
Min
Typ
(10)
Max
Min
Typ
(10)
Max
Typ
(10)
Typ
(10)
TJ = 25°C
3.9
5.5
7.1
2
3.5
5.3
-1100
6
Inverted
South pole
5.13 MLX92241LSE-AAA-017
DC Operating Parameters VDD = 3.5 to 24V, TJ = -40°C to 165°C (unless otherwise specified)
Test
Condition
Operating Point
BOP (mT)
Release Point
BRP (mT)
TC
(ppm/
oC)
Ioff
(mA)
Output Polarity
& Active Pole
Min
Typ
(10)
Max
Min
Typ
(10)
Max
Typ
(10)
Typ
(10)
TJ = 25°C
6
9.2
12
5
7.2
10.5
-2000
3.3
Direct
South pole


同様の部品番号 - MLX92241LUA-AAA-LUABU

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-005 MELEXIS-MLX92241LUA-AAA-005 Datasheet
693Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-007 MELEXIS-MLX92241LUA-AAA-007 Datasheet
687Kb / 11P
   2-Wire Hall Effect Switch
More results

同様の説明 - MLX92241LUA-AAA-LUABU

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-007 MELEXIS-MLX92241LUA-AAA-007 Datasheet
687Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-005 MELEXIS-MLX92241LUA-AAA-005 Datasheet
693Kb / 11P
   2-Wire Hall Effect Switch
logo
Allegro MicroSystems
3161 ALLEGRO-3161_02 Datasheet
145Kb / 8P
   HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
A3163 ALLEGRO-A3163 Datasheet
162Kb / 10P
   HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
3161 ALLEGRO-3161 Datasheet
169Kb / 8P
   HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
logo
Texas Instruments
TMAG5124 TI1-TMAG5124 Datasheet
731Kb / 24P
[Old version datasheet]   TMAG5124 Hall Effect Switch With 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com