データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX92232 データシート(PDF) 8 Page - Melexis Microelectronic Systems

部品番号 MLX92232
部品情報  End of line programmable Hall-effect Latch / Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92232 データシート(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX92232 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92232 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92232 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92232 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92232 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92232 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92232 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92232 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX92232 Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MLX92232
End of line programmable Hall-effect Latch / Switch
3901092232 – REV 2
Page 8 of 12
Nov/14
8 Application Information
8.1 Typical Three-Wire Application Circuit
C1
22nF
VDD
GND
OUT
RPU
10k
VCC
VOUT
Notes:
1. For proper operation, a 10nF to 22nF bypass capacitor should
be placed as close as possible to the VDD and ground pin.
2. The pull-up resistor RPU value should be chosen in to limit the
current through the output pin below the maximum allowed
continuous current for the device.
3. A capacitor connected to the output is not needed, because the
output slope is generated internally.
MLX92232
8.2 Harsh, Noisy Environments Three-Wire Circuit
C1
22nF
VDD
GND
OUT
C2
2.2nF
RPU
10k
VCC
VOUT
R1
100 Ohms
Z1
D1
Notes:
1. For proper operation, a 10nF to 22nF bypass capacitor should be placed as close as possible to the VDD and ground pin.
2. The device could tolerate negative voltage down to -27V, so if negative transients over supply line VPEAK< -32V are expected, usage of the
diode D1 is recommended. Otherwise only R1 is sufficient.
When selecting the resistor R1, three points are important:
- the resistor has to limit IDD/IDDREV to 50mA maximum
- the resistor has to withstand the power dissipated in both over voltage conditions (VR1
2/R1)
- the resulting device supply voltage VDD has to be higher than VDD min (VDD = VCC – R1.IDD)
3. The device could tolerate positive supply voltage up to +27V (until the maximum power dissipation is not exceeded), so if positive
transients over supply line with VPEAK> 32V are expected, usage a zener diode Z1 is recommended. The R1-Z1 network should be sized to
limit the voltage over the device below the maximum allowed.
4. Limit C1 to max. 22nF and C2 to 2.2nF in case end of line programming is requested.
MLX92232


同様の部品番号 - MLX92232

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92232 MELEXIS-MLX92232 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
MLX92232LSE-AAA-000-RE MELEXIS-MLX92232LSE-AAA-000-RE Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
MLX92232LSE-AAA-001-RE MELEXIS-MLX92232LSE-AAA-001-RE Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
MLX92232LSE-AAA-002-RE MELEXIS-MLX92232LSE-AAA-002-RE Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
MLX92232LSE-AAA-003-RE MELEXIS-MLX92232LSE-AAA-003-RE Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
More results

同様の説明 - MLX92232

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92232 MELEXIS-MLX92232_18 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
logo
Allegro MicroSystems
APS11900 ALLEGRO-APS11900 Datasheet
1Mb / 21P
   Two-Wire End-of-Line Programmable Hall-Effect Switch/Latch
logo
Melexis Microelectronic...
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
   Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
MLX92242 MELEXIS-MLX92242 Datasheet
833Kb / 13P
   2-Wire EOL programmable Hall Effect Latch/Switch
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
3150 ALLEGRO-3150 Datasheet
100Kb / 12P
   PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
April 12, 1999
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
   Highly Programmable Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com