データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX92231LSE-AAA-010 データシート(PDF) 8 Page - Melexis Microelectronic Systems

部品番号 MLX92231LSE-AAA-010
部品情報  3-Wire Hall Effect Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92231LSE-AAA-010 データシート(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX92231LSE-AAA-010 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92231LSE-AAA-010 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92231LSE-AAA-010 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92231LSE-AAA-010 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92231LSE-AAA-010 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92231LSE-AAA-010 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92231LSE-AAA-010 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92231LSE-AAA-010 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX92231LSE-AAA-010 Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MLX92231-AAA-xxx
3-Wire Hall Effect Switch
390109223101 – REV 2
Page 8 of 12
Sept/14
9 Application Information
9.1
Typical Three-Wire Application Circuit
C1
10nF
VDD
GND
OUT
RPU
10k
VCC
VOUT
Notes:
1. For proper operation, a 10nF to 100nF bypass capacitor should
be placed as close as possible to the VDD and ground pin.
2. The pull-up resistor RPU value should be chosen in to limit the
current through the output pin below the maximum allowed
continuous current for the device.
3. A capacitor connected to the output is not needed, because the
output slope is generated internally.
MLX92231
9.2
Automotive and Harsh, Noisy Environments Three-Wire Circuit
C1
10nF
VDD
GND
OUT
C2
4.7nF
RPU
10k
VCC
VOUT
R1
100 Ohms
Z1
D1
Notes:
1. For proper operation, a 10nF to 100nF bypass capacitor should be placed as close as possible to the VDD and ground pin.
2. The device could tolerate negative voltage down to -24V, so if negative transients over supply line VPEAK< -30V are expected, usage of the
diode D1 is recommended. Otherwise only R1 is sufficient.
When selecting the resistor R1, three points are important:
- the resistor has to limit IDD/IDDREV to 50mA maximum
- the resistor has to withstand the power dissipated in both over voltage conditions (VR1
2/R1)
- the resulting device supply voltage VDD has to be higher than VDD min (VDD = VCC – R1.IDD)
3. The device could tolerate positive supply voltage up to +27V (until the maximum power dissipation is not exceeded), so if positive
transients over supply line with VPEAK> 32V are expected, usage a zener diode Z1 is recommended. The R1-Z1 network should be sized to
limit the voltage over the device below the maximum allowed.
MLX92231


同様の部品番号 - MLX92231LSE-AAA-010

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92232 MELEXIS-MLX92232 Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
MLX92232 MELEXIS-MLX92232 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
MLX92232LSE-AAA-000-RE MELEXIS-MLX92232LSE-AAA-000-RE Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
MLX92232LSE-AAA-000-RE MELEXIS-MLX92232LSE-AAA-000-RE Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
MLX92232LSE-AAA-001-RE MELEXIS-MLX92232LSE-AAA-001-RE Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
More results

同様の説明 - MLX92231LSE-AAA-010

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
   2-Wire Hall Effect Switch
logo
Allegro MicroSystems
APS11500 ALLEGRO-APS11500 Datasheet
1Mb / 22P
   Two-Wire Hall-Effect Switch
logo
Melexis Microelectronic...
MLX92241LUA-AAA-007 MELEXIS-MLX92241LUA-AAA-007 Datasheet
687Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-005 MELEXIS-MLX92241LUA-AAA-005 Datasheet
693Kb / 11P
   2-Wire Hall Effect Switch
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com