データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX92231LSE-AAA-xxx-RE データシート(PDF) 11 Page - Melexis Microelectronic Systems

部品番号 MLX92231LSE-AAA-xxx-RE
部品情報  3-Wire Hall Effect Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92231LSE-AAA-xxx-RE データシート(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX92231LSE-AAA-xxx-RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92231LSE-AAA-xxx-RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92231LSE-AAA-xxx-RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92231LSE-AAA-xxx-RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92231LSE-AAA-xxx-RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92231LSE-AAA-xxx-RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92231LSE-AAA-xxx-RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92231LSE-AAA-xxx-RE Datasheet HTML 11Page - Melexis Microelectronic Systems MLX92231LSE-AAA-xxx-RE Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MLX92231-AAA-xxx
3-Wire Hall Effect Switch
390109223101 – REV 2
Page 11 of 12
Sept/14
12.2 UA (TO92-3L) Package Information
4.10
+/-0.20
0.46
+0.03
- 0.03
0.38
+/-0.03
1.27
+/-0.055
2.54
+/-0.055
0.00
0.15
1.50
+/-0.10
7° Typ
7° Typ
0.38
+/-0.03
7° NOM
45° NOM
Notes:
1. All dimensions are in millimeters
2. Package dimension exclusive molding flash.
3. The end flash shall not exceed 0.127 mm on
the top side.
Marking:
1
st Line : 31WW à WW - calendar week
2
nd Line : YLLL: à Y - last digit of year
LLL- Lot nr (3 digits)
Hall plate location
Notes:
1. All dimensions are in millimeters
2.62
+0.10
- 0.11
0.74
+0.10
- 0.11
0.41
0.45
0.9
Marked side
1
2
3
0.55
+0.11
- 0.10
UA Pin
Name
Type
Function
1
VDD
Supply
Supply Voltage pin
2
GND
Ground
Ground pin
3
OUT
Output
Open Drain output pin
Table 2: UA Package pinout


同様の部品番号 - MLX92231LSE-AAA-xxx-RE

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92232 MELEXIS-MLX92232 Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
MLX92232 MELEXIS-MLX92232 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
MLX92232LSE-AAA-000-RE MELEXIS-MLX92232LSE-AAA-000-RE Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
MLX92232LSE-AAA-000-RE MELEXIS-MLX92232LSE-AAA-000-RE Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
MLX92232LSE-AAA-001-RE MELEXIS-MLX92232LSE-AAA-001-RE Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
More results

同様の説明 - MLX92231LSE-AAA-xxx-RE

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
   2-Wire Hall Effect Switch
logo
Allegro MicroSystems
APS11500 ALLEGRO-APS11500 Datasheet
1Mb / 22P
   Two-Wire Hall-Effect Switch
logo
Melexis Microelectronic...
MLX92241LUA-AAA-007 MELEXIS-MLX92241LUA-AAA-007 Datasheet
687Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-005 MELEXIS-MLX92241LUA-AAA-005 Datasheet
693Kb / 11P
   2-Wire Hall Effect Switch
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com