データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX90614ESF-DAA-000-TU データシート(PDF) 1 Page - Melexis Microelectronic Systems

部品番号 MLX90614ESF-DAA-000-TU
部品情報  Single and Dual Zone Infra Red Thermometer in TO-39
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614ESF-DAA-000-TU データシート(HTML) 1 Page - Melexis Microelectronic Systems

  MLX90614ESF-DAA-000-TU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90614ESF-DAA-000-TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90614ESF-DAA-000-TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90614ESF-DAA-000-TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90614ESF-DAA-000-TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90614ESF-DAA-000-TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90614ESF-DAA-000-TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90614ESF-DAA-000-TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90614ESF-DAA-000-TU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 1 of 52
Data Sheet
Rev 009
June 29, 2015
Features and Benefits
Small size, low cost
Easy to integrate
Factory calibrated in wide temperature range:
-40…+125˚C for sensor temperature and
-70…+380˚C for object temperature.
High accuracy of 0.5°C in a wide temperature
range (0…+50°C for both Ta and To)
High (medical) accuracy calibration
Measurement resolution of 0.02°C
Single and dual zone versions
SMBus compatible digital interface
Customizable PWM output for continuous
reading
Available in 3V and 5V versions
Simple adaptation for 8…16V applications
Sleep mode for reduced power consumption
Different package options for applications and
measurements versatility
Automotive grade
Applications Examples
High precision non-contact temperature
measurements
Thermal Comfort sensor for Mobile Air
Conditioning control system
Temperature sensing element for residential,
commercial and industrial building air
conditioning
Windshield defogging
Automotive blind angle detection
Industrial temperature control of moving parts
Temperature control in printers and copiers
Home appliances with temperature control
Healthcare
Livestock monitoring
Movement detection
Multiple zone temperature control – up to 127
sensors can be read via common 2 wires
Thermal relay / alert
Body temperature measurement
Ordering Information
Part No.
MLX90614
Temperature
Code
E (-40
°C...85°C)
K (-40
°C…125°C)
Package
Code
SF (TO-39)
- Option Code
- X X X
(1) (2) (3)
Standard
part
-000
Packing
form
-TU
(1) Supply Voltage/ Accuracy
A - 5V
B - 3V
C - Reserved
D - 3V medical accuracy
(2) Number of thermopiles:
A – single zone
B – dual zone
C – gradient compensated*
(3) Package options:
A – Standard package
B – Reserved
C – 35° FOV
D/E – Reserved
F – 10° FOV
G – Reserved
H – 12° FOV (refractive lens)
I – 5° FOV
Example:
MLX90614ESF-BAA-000-TU
* : See page 2
1 Functional diagram
Figure 1: Typical application schematics
2 General Description
The MLX90614 is an Infra Red thermometer for non
contact temperature measurements. Both the IR sensitive
thermopile detector chip and the signal conditioning ASSP
are integrated in the same TO-39 can.
Thanks to its low noise amplifier, 17-bit ADC and
powerful DSP unit, a high accuracy and resolution of the
thermometer is achieved.
The thermometer comes factory calibrated with a digital
PWM and SMBus (System Management Bus) output.
As a standard, the 10-bit PWM is configured to
continuously transmit the measured temperature in range
of -20…120˚C, with an output resolution of 0.14˚C.
The factory default POR setting is SMBus.
J1
CON1
SCL
SDA
GND
Vdd
C1 value and type may differ
in different applications
for optimum EMC
U1
MLX90614
1
P W M
SDA
C1
M LX90614 connection to SM Bus
4
Vss
SCL
Vz
M LX90614Axx: Vdd=4.5...5.5V
3
2
Vdd
0.1uF


同様の部品番号 - MLX90614ESF-DAA-000-TU

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MLX90614ESF-DAA ETC2-MLX90614ESF-DAA Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614ESF-DAA MELEXIS-MLX90614ESF-DAA Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

同様の説明 - MLX90614ESF-DAA-000-TU

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com