データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX90614KSF-CAA-000-TU データシート(PDF) 4 Page - Melexis Microelectronic Systems

部品番号 MLX90614KSF-CAA-000-TU
部品情報  Single and Dual Zone Infra Red Thermometer in TO-39
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614KSF-CAA-000-TU データシート(HTML) 4 Page - Melexis Microelectronic Systems

  MLX90614KSF-CAA-000-TU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90614KSF-CAA-000-TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90614KSF-CAA-000-TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90614KSF-CAA-000-TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90614KSF-CAA-000-TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90614KSF-CAA-000-TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90614KSF-CAA-000-TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90614KSF-CAA-000-TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90614KSF-CAA-000-TU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 4 of 52
Data Sheet
Rev 009
June 29, 2015
4 Glossary of Terms
PTAT
Proportional To Absolute Temperature sensor (package temperature)
POR
Power On Reset
HFO
High Frequency Oscillator (RC type)
DSP
Digital Signal Processing
FIR
Finite Impulse Response. Digital filter
IIR
Infinite Impulse Response. Digital filter
IR
Infra-Red
PWM
Pulse With Modulation
DC
Duty Cycle (of the PWM) ; Direct Current (for settled conditions specifications)
FOV
Field Of View
SDA,SCL
Serial DAta, Serial CLock – SMBus compatible communication pins
Ta
Ambient Temperature measured from the chip – (the package temperature)
To
Object Temperature, ‘seen’ from IR sensor
ESD
Electro-Static Discharge
EMC
Electro-Magnetic Compatibility
ASSP
Application Specific Standard Product
TBD
To Be Defined
Note: sometimes the MLX90614xxx is referred as “the module”.
5 Maximum ratings
Parameter
MLX90614ESF-Axx
MLX90614ESF-Bxx
MLX90614ESF-Dxx
MLX90614KSF-Axx
Supply Voltage, VDD (over voltage)
7V
5V
7V
Supply Voltage, VDD (operating)
5.5 V
3.6V
5.5V
Reverse Voltage
0.4 V
Operating Temperature Range, TA
-40…+85
°C
-40…+125°C
Storage Temperature Range, TS
-40…+125
°C
-40…+125°C
ESD Sensitivity (AEC Q100 002)
2kV
DC current into SCL / Vz (Vz mode)
2 mA
DC sink current, SDA / PWM pin
25 mA
DC source current, SDA / PWM pin
25 mA
DC clamp current, SDA / PWM pin
25 mA
DC clamp current, SCL pin
25 mA
Table 1: Absolute maximum ratings for MLX90614
Exceeding the absolute maximum ratings may cause permanent damage.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


同様の部品番号 - MLX90614KSF-CAA-000-TU

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MLX90614KSF-CAA ETC2-MLX90614KSF-CAA Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614KSF-CAA MELEXIS-MLX90614KSF-CAA Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

同様の説明 - MLX90614KSF-CAA-000-TU

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com