データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1812JST データシート(PDF) 11 Page - Analog Devices

部品番号 AD1812JST
部品情報  SoundPort Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1812JST データシート(HTML) 11 Page - Analog Devices

Back Button AD1812JST Datasheet HTML 7Page - Analog Devices AD1812JST Datasheet HTML 8Page - Analog Devices AD1812JST Datasheet HTML 9Page - Analog Devices AD1812JST Datasheet HTML 10Page - Analog Devices AD1812JST Datasheet HTML 11Page - Analog Devices AD1812JST Datasheet HTML 12Page - Analog Devices AD1812JST Datasheet HTML 13Page - Analog Devices AD1812JST Datasheet HTML 14Page - Analog Devices AD1812JST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD1812
REV. 0
–11–
Modem Interface Signals
Pin Name
P/TQFP
I/O
Description
MODEM_IRQ
38
I
Modem IRQ. The external modem asserts this pin HI to indicate a pending inter-
rupt. The AD1812 converts this signal to the appropriate interrupt in either Plug
and Play (LDN = 5) or Non-Plug and Play mode.
MODEM_EN
39
I
Modem Enable. When this pin is asserted (HI), the AD1812 enables the logical
device (LDN = 5) for an external modem chipset. Otherwise, LDN = 5 does not
exist. The state of this pin should not be altered after reset.
MODEM_SEL
118
O
Modem Select. This active LO pin is a chip select for an external modem chipset.
The AD1812 decodes the (Plug & Play or Non-Plug and Play) configured ISA
bus address. AEN must be LO before asserting the MODEM_SEL pin.
Game Port
Pin Name
P/TQFP
I/O
Description
A_1
41
I
Game Port A, Button #1.
A_2
42
I
Game Port A, Button #2.
A_X
46
I
Game Port A X-Axis.
A_Y
47
I
Game Port A Y-Axis.
B_1
43
I
Game Port B, Button #1.
B_2
44
I
Game Port B, Button #2.
B_X
48
I
Game Port B X-Axis.
B_Y
49
I
Game Port B Y-Axis.
MIDI Interface Signals
Pin Name
P/TQFP
I/O
Description
MIDI_IN
31
I
RXD MIDI Input.
MIDI_OUT
96
O
TXD MIDI Output.
Miscellaneous
Pin Name
P/TQFP
I/O
Description
PNP
37
I
Plug and Play Select. When this pin is asserted (HI), the Plug and Play
mode is enabled. If PnP is LO, the AD1812 operates in legacy mode, and
the Plug and Play configuration is disabled.
XTALO
30
O
14.31818 MHz Crystal Output.
XTALI
29
I
14.31818 MHz Clock Input, can be OSC from the ISA bus.
PWRDWN
36
I
Power Down Signal. Active LO.
VREF_X
60
O
Voltage Reference.
VREF
59
I
Voltage Reference Filter.
L_FILT
54
I
Left Channel Filter Input.
R_FILT
53
I
Right Channel Filter Input.
XCTL0
95
O
External Control 0. The state of this pin (TTL HI or LO) is reflected in
codec indexed register 0x0A, Bit 6.
XCTL1
159
O
External Control 1. The state of this pin (TTL HI or LO) is reflected in
codec indexed register 0x0A, Bit 7.
GVC
40
I
Game Port Voltage Capacitor.
NC
1–4, 81, 120–125,
No Connect.
156–158, 160


同様の部品番号 - AD1812JST

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1815 AD-AD1815 Datasheet
3Mb / 44P
   Sound Comm Controleer
REV. 0
AD1815JS AD-AD1815JS Datasheet
3Mb / 44P
   Sound Comm Controleer
REV. 0
AD1815 AD-AD1815_15 Datasheet
401Kb / 44P
   SoundComm Controller
REV. 0
AD1816A AD-AD1816A Datasheet
477Kb / 52P
   SoundPort Controller
REV. A
AD1816AJS AD-AD1816AJS Datasheet
477Kb / 52P
   SoundPort Controller
REV. A
More results

同様の説明 - AD1812JST

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1816A AD-AD1816A Datasheet
477Kb / 52P
   SoundPort Controller
REV. A
AD1816A AD-AD1816A_15 Datasheet
398Kb / 52P
   SoundPort Controller
REV. A
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
   AC97 SoundPort Codec
REV. 0
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
   AC 97 SoundPort Codec
REV. 0
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com