データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1846-SPRHA データシート(PDF) 1 Page - Texas Instruments

部品番号 UC1846-SPRHA
部品情報  Class-V, Radiation Hardened PWM Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1846-SPRHA データシート(HTML) 1 Page - Texas Instruments

  UC1846-SPRHA Datasheet HTML 1Page - Texas Instruments UC1846-SPRHA Datasheet HTML 2Page - Texas Instruments UC1846-SPRHA Datasheet HTML 3Page - Texas Instruments UC1846-SPRHA Datasheet HTML 4Page - Texas Instruments UC1846-SPRHA Datasheet HTML 5Page - Texas Instruments UC1846-SPRHA Datasheet HTML 6Page - Texas Instruments UC1846-SPRHA Datasheet HTML 7Page - Texas Instruments UC1846-SPRHA Datasheet HTML 8Page - Texas Instruments UC1846-SPRHA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
UC1846-SP
SLUS871D – JANUARY 2009 – REVISED DECEMBER 2016
UC1846-SP Class-V, Radiation Hardened PWM Controller
1
1 Features
1
QML-V Qualified, SMD 5962-86806
5962P8680603VxA:
Radiation Hardness Assurance (RHA) up to
30-krad(Si) Total Ionizing Dose (TID)
Passes Functional and Specified Post-
Radiation Parametric Limits at 45 krad at LDR
(10 mrad(Si)/s) per 1.5× Over Test as Defined
in MIL-STD-883 Test Method 1019.9
Paragraph 3.13.3.b
Exhibits Low-Dose Rate Sensitivity but
Remains Within the Pre-Radiation Electrical
Limits at 30-krad Total Dose Level, as Allowed
by MIL-STD-883, TM1019
Automatic Feed-Forward Compensation
Programmable Pulse-by-Pulse Current Limiting
Automatic Symmetry Correction in Push-Pull
Configuration
Enhanced Load Response Characteristics
Parallel-Operation Capability for Modular Power
Systems
Differential Current-Sense Amplifier With Wide
Common-Mode Range
Double-Pulse Suppression
500-mA (Peak) Totem-Pole Outputs
±1% Bandgap Reference
Undervoltage Lockout (UVLO)
Soft-Start Capability
Shutdown Terminal
500-kHz Operation
2 Applications
DC-DC Converters
Satellite Buses and Payloads
Space Launch Vehicles
Undersea Cabling
Available in Military Temperature Range (–55°C to
125°C)
Supports Various Topologies:
Flyback, Forward, Buck, Boost
Push-Pull, Half-Bridge, Full Bridge With
External Interface Circuit
3 Description
The UC1846-SP control devices provide all of the
necessary features to implement fixed frequency,
current mode control schemes while maintaining a
minimum
external
parts
count.
The
superior
performance of this technique can be measured in
improved line regulation, enhanced load response
characteristics,
and
a
simpler,
easier-to-design
control loop. Topological advantages include inherent
pulse-by-pulse current limiting capability, automatic
symmetry correction for push-pull converters, and the
ability to parallel power modules while maintaining
equal current sharing.
Protection
circuitry
includes
built-in
UVLO
and
programmable current limit in addition to soft-start
capability. A shutdown function is also available
which can initiate either a complete shutdown with
automatic restart or latch the supply off.
Other features include fully latched operation, double-
pulse suppression, deadline adjust capability, a ±1%
trimmed bandgap reference, and low outputs in the
OFF state.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UC1846-SP
CDIP (16)
6.92 mm × 19.56 mm
CFP (16)
6.73 mm × 10.30 mm
LCCC (20)
8.89 mm × 8.89 mm
KGD(2)
N/A
UC1846-SP RHA
CDIP (16)
6.92 mm × 19.56 mm
CFP (16)
6.73 mm × 10.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) KGD = known good die
Block Diagram


同様の部品番号 - UC1846-SPRHA

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC1846-SP TI1-UC1846-SP_15 Datasheet
630Kb / 29P
[Old version datasheet]   Current-Mode PWM Controller
More results

同様の説明 - UC1846-SPRHA

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP_16 Datasheet
831Kb / 40P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI1-UC1825B-SP Datasheet
4Mb / 30P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1825B-SP TI-UC1825B-SP_V01 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI-UC1825B-SP_V02 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
logo
Renesas Technology Corp
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 43P
   Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com