データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1846-SPRHA データシート(PDF) 11 Page - Texas Instruments

部品番号 UC1846-SPRHA
部品情報  Class-V, Radiation Hardened PWM Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1846-SPRHA データシート(HTML) 11 Page - Texas Instruments

Back Button UC1846-SPRHA Datasheet HTML 7Page - Texas Instruments UC1846-SPRHA Datasheet HTML 8Page - Texas Instruments UC1846-SPRHA Datasheet HTML 9Page - Texas Instruments UC1846-SPRHA Datasheet HTML 10Page - Texas Instruments UC1846-SPRHA Datasheet HTML 11Page - Texas Instruments UC1846-SPRHA Datasheet HTML 12Page - Texas Instruments UC1846-SPRHA Datasheet HTML 13Page - Texas Instruments UC1846-SPRHA Datasheet HTML 14Page - Texas Instruments UC1846-SPRHA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
UC1846-SP
www.ti.com
SLUS871D – JANUARY 2009 – REVISED DECEMBER 2016
Product Folder Links: UC1846-SP
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Oscillator
Figure 8 highlights the oscillator circuit. Connecting a resistor RT from pin 9 to ground establishes a current,
which is mirrored to pin 8 and charges the capacitor connected from pin 8 to ground. Maximum on time
corresponds to the maximum charging time of the timing capacitor. Oscillator frequency can be determined by
Equation 5.
Off-time corresponds to capacitor discharge time establishes the converter dead time between the pulses
according to Equation 4. Internal 8-mA current sink discharges the CT pin capacitor.
7.3.3 Slope Compensation
For duty cycle above 50% slope compensating can be implemented by using a buffer (that is, 2N2222) and
connecting base to timing capacitor pin 8, collector to VREF (5 V), a resistor in series with emitter connected to
(pin 4) CS+ of differential current sense amplifier. Injecting a downslope proportional to the sawtooth into current
sense amplifier.
As with any bipolar PWM IC, outputs should be protected from negatively biasing the substrate. This is typically
done by using Schottky diodes from ground to each output. Failure to do this could cause spurious interruption
and restart of the oscillator, dropping of output pulses and a significant increase in propagation delays.
7.3.4 Error Amplifier
UC1846-SP incorporates an error amplifier with typical open loop gain of 100 dB and gain bandwidth of 1.5 MHz.
With Source and sink capability of 10 mA and 0.5 mA respectively.
Error amplifier sources up to 0.5 mA.
Figure 4. Error Amplifier Output Configuration
7.3.5 Current Sense Amplifier
UC1846-SP incorporates a differential current sense amplifier which can eliminate ground loop problems and
increase noise immunity. An R-C snubber can also be implemented thus helping in blanking the peak current
spike when the switch is turned on. The input of the current sense amplifier is slew rate limited allowing lower
values of filter capacitors to be used to eliminate leading edge noise.
A small RC filter may be required in some applications to reduce switch transients. Differential input allows remote,
noise-free sensing.
Figure 5. Current-Sense Amplifier Connections


同様の部品番号 - UC1846-SPRHA

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC1846-SP TI1-UC1846-SP_15 Datasheet
630Kb / 29P
[Old version datasheet]   Current-Mode PWM Controller
More results

同様の説明 - UC1846-SPRHA

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP_16 Datasheet
831Kb / 40P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI1-UC1825B-SP Datasheet
4Mb / 30P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1825B-SP TI-UC1825B-SP_V01 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI-UC1825B-SP_V02 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
logo
Renesas Technology Corp
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 43P
   Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com