データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14511B データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC14511B
部品情報  BCD-to-Seven Segment Latch/Decoder/Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14511B データシート(HTML) 1 Page - ON Semiconductor

  MC14511B Datasheet HTML 1Page - ON Semiconductor MC14511B Datasheet HTML 2Page - ON Semiconductor MC14511B Datasheet HTML 3Page - ON Semiconductor MC14511B Datasheet HTML 4Page - ON Semiconductor MC14511B Datasheet HTML 5Page - ON Semiconductor MC14511B Datasheet HTML 6Page - ON Semiconductor MC14511B Datasheet HTML 7Page - ON Semiconductor MC14511B Datasheet HTML 8Page - ON Semiconductor MC14511B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2014
July, 2014 − Rev. 12
1
Publication Order Number:
MC14511B/D
MC14511B
BCD-to-Seven Segment
Latch/Decoder/Driver
The MC14511B BCD−to−seven segment latch/decoder/driver is
constructed with complementary MOS (CMOS) enhancement mode
devices and NPN bipolar output drivers in a single monolithic structure.
The circuit provides the functions of a 4−bit storage latch, an 8421
BCD−to−seven segment decoder, and an output drive capability. Lamp
test (LT), blanking (BI), and latch enable (LE) inputs are used to test the
display, to turn−off or pulse modulate the brightness of the display, and
to store a BCD code, respectively. It can be used with seven−segment
light−emitting diodes (LED), incandescent, fluorescent, gas discharge,
or liquid crystal readouts either directly or indirectly.
Applications include instrument (e.g., counter, DVM, etc.) display
driver, computer/calculator display driver, cockpit display driver, and
various clock, watch, and timer uses.
Features
Low Logic Circuit Power Dissipation
High−Current Sourcing Outputs (Up to 25 mA)
Latch Storage of Code
Blanking Input
Lamp Test Provision
Readout Blanking on all Illegal Input Combinations
Lamp Intensity Modulation Capability
Time Share (Multiplexing) Facility
Supply Voltage Range = 3.0 V to 18 V
Capable of Driving Two Low−power TTL Loads, One Low−power
Schottky TTL Load, or Two HTL Loads Over the Rated Temperature
Range
Chip Complexity: 216 FETs or 54 Equivalent Gates
Triple Diode Protection on all Inputs
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 1)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
− 0.5 to +18.0
V
Vin
Input Voltage Range, All Inputs
− 0.5 to VDD + 0.5
V
I
DC Current Drain per Input Pin
10
mA
PD
Power Dissipation, per Package (Note 2)
500
mW
TA
Operating Temperature Range
− 55 to +125
°C
Tstg
Storage Temperature Range
− 65 to +150
°C
IOHmax
Maximum Output Drive Current (Source) per Output
25
mA
POHmax
Maximum Continuous Output Power (Source) per Output (Note 3)
50
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Maximum Ratings are those values beyond which damage to the device may occur.
2. Temperature Derating: “D/DW” Packages: –7.0 mW/
°C From 65°C to 125°C
3. POHmax = IOH (VDD − VOH)
MARKING DIAGRAMS
SO−16 WB
DW SUFFIX
CASE 751G
1
16
14511B
AWLYYWWG
SOEIAJ−16
F SUFFIX
CASE 966
1
16
MC14511B
ALYWG
SOIC−16
D SUFFIX
CASE 751B
1
16
14511BG
AWLYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
SOIC−16
SOEIAJ−16
SO−16 WB


同様の部品番号 - MC14511B

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14511B ONSEMI-MC14511B Datasheet
221Kb / 12P
   BCD-To-Seven Segment Latch/Decoder/Driver
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14511B MOTOROLA-MC14511B Datasheet
130Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
ON Semiconductor
MC14511B ONSEMI-MC14511B Datasheet
203Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver
September, 2006 ??Rev. 8
logo
Motorola, Inc
MC14511BCL MOTOROLA-MC14511BCL Datasheet
130Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
ON Semiconductor
MC14511BCP ONSEMI-MC14511BCP Datasheet
221Kb / 12P
   BCD-To-Seven Segment Latch/Decoder/Driver
March, 2000 ??Rev. 3
More results

同様の説明 - MC14511B

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
List of Unclassifed Man...
SCL4543B ETC1-SCL4543B Datasheet
624Kb / 3P
   BCD - TO SEVEN SEGMENT LATCH/DECODER DRIVER
logo
Renesas Technology Corp
HD74HC4543 RENESAS-HD74HC4543 Datasheet
296Kb / 11P
   BCD-to-Seven Segment Latch/Decoder/Driver
Mar 30, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com