データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14504B データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC14504B
部品情報  Hex Level Shifter for TTL to CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14504B データシート(HTML) 3 Page - ON Semiconductor

  MC14504B Datasheet HTML 1Page - ON Semiconductor MC14504B Datasheet HTML 2Page - ON Semiconductor MC14504B Datasheet HTML 3Page - ON Semiconductor MC14504B Datasheet HTML 4Page - ON Semiconductor MC14504B Datasheet HTML 5Page - ON Semiconductor MC14504B Datasheet HTML 6Page - ON Semiconductor MC14504B Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC14504B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VCC
Vdc
VDD
Vdc
− 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = 0 V
“1” Level
Vin = VCC
VOL
5.0
10
1 5
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VOL = 1.0 Vdc) TTL−CMOS
(VOL = 1.5 Vdc) TTL−CMOS
(VOL = 1.0 Vdc) CMOS−CMOS
(VOL = 1.5 Vdc) CMOS−CMOS
(VOL = 1.5 Vdc) CMOS−CMOS
VIL
5.0
5.0
5.0
5.0
10
10
15
10
15
15
0.8
0.8
1.5
1.5
3.0
1.3
1.3
2.25
2.25
4.5
0.8
0.8
1.5
1.5
3.0
0.8
0.8
1.4
1.5
2.9
Vdc
Input Voltage
“1” Level
(VOH = 9.0 Vdc) TTL−CMOS
(VOH = 13.5 Vdc) TTL−CMOS
(VOH = 9.0 Vdc) CMOS−CMOS
(VOH = 13.5 Vdc) CMOS−CMOS
(VOH = 13.5 Vdc) CMOS−CMOS
VIH
5.0
5.0
5.0
5.0
10
10
15
10
15
15
2.0
2.0
3.6
3.6
7.1
2.0
2.0
3.5
3.5
7.0
1.5
1.5
2.75
2.75
5.5
2.0
2.0
3.5
3.5
7.0
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
mAdc
Input Capacitance (Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
CMOS−CMOS Mode
IDD or
ICC
5.0
10
15
0.05
0.10
0.20
0.0005
0.0010
0.0015
0.05
0.10
0.20
1.5
3.0
6.0
mAdc
Quiescent Current
(Per Package)
TTL−CMOS Mode
IDD
5.0
5.0
5.0
5.0
10
15
0.5
1.0
2.0
0.0005
0.0010
0.0015
0.5
1.0
2.0
3.8
7.5
15
mAdc
Quiescent Current
(Per Package)
TTL−CMOS Mode
ICC
5.0
5.0
5.0
5.0
10
15
5.0
5.0
5.0
2.5
2.5
2.5
5.0
5.0
5.0
6.0
6.0
6.0
mAdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


同様の部品番号 - MC14504B

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B Datasheet
188Kb / 8P
   Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
MC14504B ONSEMI-MC14504B Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
logo
ON Semiconductor
MC14504BCP ONSEMI-MC14504BCP Datasheet
188Kb / 8P
   Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
MC14504BCP ONSEMI-MC14504BCP Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
More results

同様の説明 - MC14504B

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_05 Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_11 Datasheet
141Kb / 7P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
MC14504B ONSEMI-MC14504B Datasheet
188Kb / 8P
   Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
logo
Texas Instruments
CD4504B-EP TI-CD4504B-EP Datasheet
589Kb / 13P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504BMS INTERSIL-CD4504BMS Datasheet
60Kb / 8P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
December 1992
logo
Texas Instruments
CD4504B TI-CD4504B Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS OR CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504BT INTERSIL-CD4504BT Datasheet
33Kb / 3P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
July 1999
logo
Texas Instruments
CD4504B TI1-CD4504B_12 Datasheet
891Kb / 16P
[Old version datasheet]   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com