データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2288FV データシート(PDF) 1 Page - Rohm

部品番号 BU2288FV
部品情報  Clock generator IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU2288FV データシート(HTML) 1 Page - Rohm

  BU2288FV Datasheet HTML 1Page - Rohm BU2288FV Datasheet HTML 2Page - Rohm BU2288FV Datasheet HTML 3Page - Rohm BU2288FV Datasheet HTML 4Page - Rohm BU2288FV Datasheet HTML 5Page - Rohm BU2288FV Datasheet HTML 6Page - Rohm BU2288FV Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BU2288FV
Multimedia ICs
1/6
Clock generator IC
BU2288FV
The BU2288FV is an IC that generates plural clocks required for DVD system from a 2-channel PLL external crystal
oscillator. The six kinds of signals for video and audio system are generated with low jitter.
Application
External dimensions (Unit : mm)
All DVD sets
Features
1) All clock signals needed for DVD can be
generated by a single chip.
2) All output low jitter (No load 30psec)
3) No need for additional components.
(BU2288FV has a PLL loop filter inside.)
4) 3.3V single power supply
5) Small SSOP-B16 package.
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
∗ An operation is not guaranteed.
∗ In case it is used at Ta=25°C or more, 4.5mW is reduced at every1°C.
∗ Radiation resistance design is not used.
∗ Power dissipation is measured when BU2288FV is placed on the board.
Applied voltage
Input voltage
Storage temperature range
Power dissipation
VDD
VIN
Tstg
Pd
−0.5 to +7.0
−0.5 to VDD+0.5
−30 to +125
450
V
V
°C
mW
Recommended operating conditions (Ta=25
°C)
Parameter
Symbol
Unit
Max.
Typ.
Min.
Supply voltage
Input "H" voltage range
Input "L" voltage range
Operation temperature range
Output maximum load
VDD
VIH
VIL
Topr
CL
3.0
0.8VDD
0
−5
3.6
VDD
0.2VDD
70
15
V
V
V
°C
pF
SSOP-B16
9
8
16
1
5.0
±0.2
0.15
±0.1
0.22
±0.1
0.65
0.1


同様の部品番号 - BU2288FV

メーカー部品番号データシート部品情報
logo
Rohm
BU2288FV ROHM-BU2288FV Datasheet
1Mb / 25P
   DVD-video Reference Clock Generators for Audio/Video Equipments
More results

同様の説明 - BU2288FV

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BU2286FV ETC-BU2286FV Datasheet
50Kb / 2P
   Clock generator IC
FS6118 ETC-FS6118 Datasheet
87Kb / 4P
   CLOCK GENERATOR IC
BU2294AF ETC1-BU2294AF Datasheet
62Kb / 2P
   Clock generator IC
logo
Nippon Precision Circui...
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
   Clock Generator IC
logo
Rohm
BU2285FV ROHM-BU2285FV Datasheet
63Kb / 7P
   Clock generator IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
   Motherboard Clock Generator IC
logo
PhaseLink Corporation
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
PLL501-21 PLL-PLL501-21 Datasheet
133Kb / 5P
   VCXO Clock Generator IC
logo
Asahi Kasei Microsystem...
AK8142 AKM-AK8142 Datasheet
313Kb / 19P
   Programable Clock Generator IC
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com