データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC6000NZ データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDC6000NZ
部品情報  Dual N-Channel 2.5V Specified PowerTrench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6000NZ データシート(HTML) 2 Page - Fairchild Semiconductor

  FDC6000NZ Datasheet HTML 1Page - Fairchild Semiconductor FDC6000NZ Datasheet HTML 2Page - Fairchild Semiconductor FDC6000NZ Datasheet HTML 3Page - Fairchild Semiconductor FDC6000NZ Datasheet HTML 4Page - Fairchild Semiconductor FDC6000NZ Datasheet HTML 5Page - Fairchild Semiconductor FDC6000NZ Datasheet HTML 6Page - Fairchild Semiconductor FDC6000NZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDC6000NZ RevE1 (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250 µA
20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
14
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V,
VGS = 0 V
1
µA
IGSS
Gate–Body Leakage
VGS = ±12 V,
VDS = 0 V
± 10
µA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 µA
0.6
0.9
1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
–4
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V,
ID = 6.5 A
VGS = 4.0 V,
ID = 6.4 A
VGS = 3.1 V,
ID = 6.3 A
VGS = 2.5 V,
ID = 5.5 A
VGS = 4.5 V, ID = 6.5A, TJ=125°C
16.5
16.8
19.2
22.5
22.8
20
21
24
28
30
m
gFS
Forward Transconductance
VDS = 5 V,
ID = 6.5 A
30
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 10 V,
V GS = 0 V,
f = 1.0 MHz
840
pF
Coss
Output Capacitance
210
pF
Crss
Reverse Transfer Capacitance
100
pF
RG
Gate Resistance
VGS = 15 mV,
f = 1.0 MHz
2.3
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
VDD = 10 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6 Ω
10
20
ns
tr
Turn–On Rise Time
15
27
ns
td(off)
Turn–Off Delay Time
18
32
ns
tf
Turn–Off Fall Time
9
18
ns
Qg
Total Gate Charge
VDS = 10 V,
ID = 6.5 A,
VGS = 4.5 V
8
11
nC
Qgs
Gate–Source Charge
1.5
nC
Qgd
Gate–Drain Charge
2.1
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
1.25
A
VSD
Drain–Source Diode Forward Voltage VGS = 0 V,
IS = 1.25A
(Note 2)
0.7
1.2
V


同様の部品番号 - FDC6000NZ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FDC60 ETC1-FDC60 Datasheet
92Kb / 2P
   60 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FDC60 ASTRODYNE-FDC60 Datasheet
291Kb / 3P
   Isolated and Regulated 60 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FDC60-12D05 ETC1-FDC60-12D05 Datasheet
92Kb / 2P
   60 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FDC60-12D05 ASTRODYNE-FDC60-12D05 Datasheet
291Kb / 3P
   Isolated and Regulated 60 WATT Modular DC/DC Converters
FDC60-12D05 ASTRODYNE-FDC60-12D05 Datasheet
193Kb / 3P
   Isolated and Regulated 60 WATT Modular DC/DC Converters
More results

同様の説明 - FDC6000NZ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2512NZ FAIRCHILD-FDW2512NZ Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
267Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com