データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC6420C データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FDC6420C
部品情報  20V N & P-Channel PowerTrench MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6420C データシート(HTML) 7 Page - Fairchild Semiconductor

  FDC6420C Datasheet HTML 1Page - Fairchild Semiconductor FDC6420C Datasheet HTML 2Page - Fairchild Semiconductor FDC6420C Datasheet HTML 3Page - Fairchild Semiconductor FDC6420C Datasheet HTML 4Page - Fairchild Semiconductor FDC6420C Datasheet HTML 5Page - Fairchild Semiconductor FDC6420C Datasheet HTML 6Page - Fairchild Semiconductor FDC6420C Datasheet HTML 7Page - Fairchild Semiconductor FDC6420C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FDC6420C Rev C(W)
Typical Characteristics
0
1
2
3
4
5
0
1
2
3
4
5
Qg, GATE CHARGE (nC)
I
D = -2.2A
VDS =- 5V
-15V
-10V
0
100
200
300
400
500
600
0
5
10
15
20
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
VGS = 0 V
Figure 17. Gate Charge Characteristics.
Figure 18. Capacitance Characteristics.
0.01
0.1
1
10
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
R
DS(ON) LIMIT
VGS = -4.5V
SINGLE PULSE
RθJA = 180
oC/W
TA = 25
oC
10ms
0
1
2
3
4
5
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 180°C/W
TA = 25°C
Figure 19. Maximum Safe Operating Area.
Figure 20. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 180°C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 21. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.


同様の部品番号 - FDC6420C

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
FDC6420C-NL VBSEMI-FDC6420C-NL Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

同様の説明 - FDC6420C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
   20V N & P-Channel PowerTrench MOSFETs
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
   20V N & P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDR8702H FAIRCHILD-FDR8702H Datasheet
200Kb / 8P
   20V N & P-Channel PowerTrench MOSFET
FDC6333C FAIRCHILD-FDC6333C Datasheet
98Kb / 8P
   30V N & P-Channel PowerTrench MOSFETs
FDS8333C FAIRCHILD-FDS8333C Datasheet
134Kb / 8P
   30V N & P-Channel PowerTrench MOSFETs
logo
First Silicon Co., Ltd
FTK2116NP FS-FTK2116NP Datasheet
1Mb / 6P
   20V N P Dual Channel MOSFETs
FTK2116DFN22 FS-FTK2116DFN22 Datasheet
859Kb / 6P
   20V NP Dual Channel MOSFETs
FTK2120NPSOT563 FS-FTK2120NPSOT563 Datasheet
1Mb / 8P
   20V NP Dual Channel MOSFETs
logo
Fairchild Semiconductor
FDW262P FAIRCHILD-FDW262P Datasheet
87Kb / 5P
   20V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com