データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2450DP39G5500 データシート(PDF) 3 Page - Johanson Technology Inc.

部品番号 2450DP39G5500
部品情報  High Frequency Ceramic Solutions
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JOHANSON [Johanson Technology Inc.]
ホームページ  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

2450DP39G5500 データシート(HTML) 3 Page - Johanson Technology Inc.

  2450DP39G5500 Datasheet HTML 1Page - Johanson Technology Inc. 2450DP39G5500 Datasheet HTML 2Page - Johanson Technology Inc. 2450DP39G5500 Datasheet HTML 3Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
P/N 2450DP39G5500
Detail Specification:
Page 3 of 3
Measuring Diagram
Mounting Considerations
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2012 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
The contents of this data sheet are subject to change without notice. Please confirm the specifications
and delivery conditions when placing your order. All sales are subject to Johanson Technology, Inc. terms and conditions.
2.45 / 5.5GHz WLAN Ceramic Diplexer (BPF/BPF type)
* Line width should be designed to match
50Ω characteristic impedance, depending
on PCB material and thickness.
8/2/2012
Preliminary
Port
2
(50
)
Network
Analyzer
Port
3
(50
)
Port 1
(50
)
GND
GND
GND
Land
Solder Resist
Through-hole ( 0.30)
1.1
0.3
0.4
0.6
*
*
*


同様の部品番号 - 2450DP39G5500

メーカー部品番号データシート部品情報
logo
Johanson Technology Inc...
2450DP39H5500 JOHANSON-2450DP39H5500 Datasheet
208Kb / 3P
   High Frequency Ceramic Solutions
2450DP39K5400 JOHANSON-2450DP39K5400 Datasheet
259Kb / 3P
   High Frequency Ceramic Solutions
More results

同様の説明 - 2450DP39G5500

メーカー部品番号データシート部品情報
logo
Johanson Technology Inc...
2450DP39H5500 JOHANSON-2450DP39H5500 Datasheet
208Kb / 3P
   High Frequency Ceramic Solutions
1905BP18A0050 JOHANSON-1905BP18A0050 Datasheet
107Kb / 2P
   High Frequency Ceramic Solutions
2450BL15B100E JOHANSON-2450BL15B100E Datasheet
148Kb / 2P
   High Frequency Ceramic Solutions
2450BM15A0002E JOHANSON-2450BM15A0002E Datasheet
178Kb / 2P
   High Frequency Ceramic Solutions
4000BL14U100T JOHANSON-4000BL14U100T Datasheet
77Kb / 2P
   High Frequency Ceramic Solutions
2450BM14E0003 JOHANSON-2450BM14E0003 Datasheet
388Kb / 4P
   High Frequency Ceramic Solutions
0896BM15E0025 JOHANSON-0896BM15E0025 Datasheet
717Kb / 5P
   High Frequency Ceramic Solutions
2450AD14A5500 JOHANSON-2450AD14A5500 Datasheet
660Kb / 6P
   High Frequency Ceramic Solutions
2450BP14D0100 JOHANSON-2450BP14D0100_12 Datasheet
181Kb / 2P
   High Frequency Ceramic Solutions
0783FB15A0100E JOHANSON-0783FB15A0100E Datasheet
153Kb / 2P
   High Frequency Ceramic Solutions
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com