データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

28S データシート(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

部品番号 28S
部品情報  NPN Silicon Epitaxial Planar Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

28S データシート(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  28S Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 23/02/2016 CL Rev:01
®
SEMTECH ELECTRONICS LTD.
28S
NPN Silicon Epitaxial Planar Transistor
for switching and amplifier applications. Especially
suitable for AF-driver stages and low power output
stages.
The transistor is subdivided into one group,
according to its DC current gain.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
40
V
Collector Emitter Voltage
VCEO
20
V
Emitter Base Voltage
VEBO
6
V
Collector Current
IC
1
A
Peak Collector Current
ICM
1.25
A
Base Current
IB
100
mA
Power Dissipation
Ptot
850
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 1 V, IC = 5 mA
at VCE = 1 V, IC = 100 mA
at VCE = 1 V, IC = 800 mA
hFE
hFE
hFE
45
200
40
170
-
80
-
1000
-
-
-
-
Collector Base Cutoff Current
at VCB = 35 V
ICBO
-
-
100
nA
Emitter Base Cutoff Current
at VBE = 6 V
IEBO
-
-
100
nA
Collector Base Breakdown Voltage
at IC = 100 µA
V(BR)CBO
40
-
-
V
Collector Emitter Breakdown Voltage
at IC = 2 mA
V(BR)CEO
20
-
-
V
Emitter Base Breakdown Voltage
at IE = 100 µA
V(BR)EBO
6
-
-
V
Collector Emitter Saturation Voltage
at IC = 600 mA, IB = 20 mA
VCE(sat)
-
-
0.55
V
Base Emitter Saturation Voltage
at IC= 600 mA, IB = 20 mA
VBE(sat)
-
0.98
1.2
V
Base Emitter Voltage
at IC = 10 mA, VCE = 1 V
VBE
-
0.66
1.0
V
Gain Bandwidth Product
at VCE = 10 V, IC = 50 mA
fT
100
-
-
MHz
Collector Base Capacitance
at VCB = 10 V, f = 1 MHz
Cob
-
-
9
pF
1. Emitter 2. Collector 3. Base
TO-92 Plastic Package


同様の部品番号 - 28S

メーカー部品番号データシート部品情報
logo
Laird Tech Smart Techno...
28S0670-000 LSTD-28S0670-000 Datasheet
84Kb / 1P
   this print is the property of laird tech
28S0670-000 LSTD-28S0670-000 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
logo
Rosenberger Hochfrequen...
28S101-272N ROSENBERGER-28S101-272N Datasheet
99Kb / 2P
   QMA STRAIGHT PLUG
28S101-K00N5 ROSENBERGER-28S101-K00N5 Datasheet
82Kb / 2P
   ADAPTOR QMA PLUG -JACK
28S101-S00N5 ROSENBERGER-28S101-S00N5 Datasheet
83Kb / 2P
   ADAPTOR QMA PLUG -PLUG
More results

同様の説明 - 28S

メーカー部品番号データシート部品情報
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com