データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ASSR-1218 データシート(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 ASSR-1218
部品情報  Compact Solid-State Bi-directional Signal Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASSR-1218 データシート(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ASSR-1218 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASSR-1218 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASSR-1218 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASSR-1218 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASSR-1218 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASSR-1218 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASSR-1218 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASSR-1218 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASSR-1218 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Package Outline Drawings
ASSR-1218 4-Pin Small Outline Package
ASSR-1219 6-Pin DIP Package
9.40 (0.370)
9.90 (0.390)
PIN
ONE
DOT
A XXXX
YYWW
TYPE
NUMBER
DATE CODE
2.16 (0.085)
2.54 (0.100)
2.28 (0.090)
2.80 (0.110)
(0.020)
(0.040)
0.45 (0.018)
0.65 (0.025)
4.70 (0.185) MAX.
2.66 (0.105) MIN.
6.10 (0.240)
6.60 (0.260)
0.20 (0.008)
0.33 (0.013)
5 ° TYP.
7.36 (0.290)
7.88 (0.310)
DIMENSIONS IN MILLIMETERS AND (INCHES).
5
6
3
2
1
1.78 (0.070) MAX.
R
U
4
UL
RECOGNITION
LEAD FREE
0.46
0.018
0.5
0.02
0.5
0.02
2.0 ±0.2
0.079 ±0.009
0.102 ±0.102
0.004 ±0.004
0.20
0.008
4.3 ±0.2
0.169 ±0.008
2.54
0.100
4.40 ±0.20
0.173 ±0.008
0.41
0.016
6.8 ±0.4
0.268 ±0.016
xxxx
TYPE NUMBER
DATE CODE
0.80
0.031
2.540
0.10
4.80
0.189
1.20
0.047
YWW
LAND PATTERN RECOMMENDATION
0.015
0.375
OPTION NUMBER 500 AND UL RECOGNITION NOT MARKED
DIMENSIONS IN MILLIMETERS AND [INCHES]
LEAD FREE


同様の部品番号 - ASSR-1218

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
ASSR-1218 BOARDCOM-ASSR-1218 Datasheet
356Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1218-003E AVAGO-ASSR-1218-003E Datasheet
229Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-1218-503E AVAGO-ASSR-1218-503E Datasheet
229Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
More results

同様の説明 - ASSR-1218

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
   Compact Solid-State Bi-directional Signal Switch
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
   Compact Solid-State Bi-directional Signal Switch
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
logo
Teledyne Technologies I...
C47F-10 TELEDYNE-C47F-10 Datasheet
266Kb / 2P
   Bi-Directional AC/DC Solid State Relay
logo
Littelfuse
LX803DE LITTELFUSE-LX803DE Datasheet
257Kb / 8P
   New 0.8 Amp bi-directional solid state switch series offering direct
L0103DE LITTELFUSE-L0103DE Datasheet
271Kb / 8P
   New 1 Amp bi-directional solid state switch series offering direct interface
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com