データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IDT70V06S データシート(PDF) 22 Page - Integrated Device Technology

部品番号 IDT70V06S
部品情報  HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V06S データシート(HTML) 22 Page - Integrated Device Technology

Back Button IDT70V06S_15 Datasheet HTML 15Page - Integrated Device Technology IDT70V06S_15 Datasheet HTML 16Page - Integrated Device Technology IDT70V06S_15 Datasheet HTML 17Page - Integrated Device Technology IDT70V06S_15 Datasheet HTML 18Page - Integrated Device Technology IDT70V06S_15 Datasheet HTML 19Page - Integrated Device Technology IDT70V06S_15 Datasheet HTML 20Page - Integrated Device Technology IDT70V06S_15 Datasheet HTML 21Page - Integrated Device Technology IDT70V06S_15 Datasheet HTML 22Page - Integrated Device Technology IDT70V06S_15 Datasheet HTML 23Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
IDT70V06S/L
High-Speed 3.3V 16K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Ordering Information
Datasheet Document History
3/10/99:
Initiated datasheet document history
Converted to new format
Cosmetic and typographical corrections
Page 2 and 3 Added additional notes to pin configurations
6/9/99:
Changeddrawingformat
11/10/99:
Replaced IDT logo
3/10/00:
Added 15 & 20ns speed grades
Upgraded DC parameters
AddedIndustrialTemperatureinformation
Changed±200mVto0mV
5/30/00:
Page 5 Increasedstoragetemperatureparameter
ClarifiedTA parameter
Page 6 DCElectricalparameters–changedwordingfrom"open"to"disabled"
NOTES:
1. ContactyourlocalsalesofficeforIndustrialtemprangeinotherspeeds,packagesandpowers.
2. Greenpartsareavailable,forspecificspeeds,packages,andpowers,contactyourlocalsalesoffice.
2942 drw 20
A
Power
999
Speed
A
Package
A
Process/
Temperature
Range
Blank
I(1)
Commercial (0
°C to +70°C)
Industrial (-40
°C to +85°C)
PF
G
J
64-pin TQFP (PN64)
68-pin PGA (G68)
68-pin PLCC (J68)
15
20
25
35
55
S
L
Standard Power
Low Power
XXXXX
Device
Type
128K (16K x 8) 3.3V Dual-Port RAM
70V06
Speed in Nanoseconds
Commercial Only
Commercial & Industrial
Commercial & Industrial
Commercial Only
Commercial Only
A
Blank
8
Green
G
Tube or Tray
Tape and Reel
A
(2)


同様の部品番号 - IDT70V06S_15

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
IDT70V06S IDT-IDT70V06S_18 Datasheet
207Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
More results

同様の説明 - IDT70V06S_15

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
IDT70V06S IDT-IDT70V06S_18 Datasheet
207Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S Datasheet
171Kb / 22P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V06 RENESAS-70V06 Datasheet
305Kb / 24P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Feb.07.20
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com