データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5-1393117-8 データシート(PDF) 5 Page - TE Connectivity Ltd

部品番号 5-1393117-8
部品情報  Wide selection of termination and mounting styles
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5-1393117-8 データシート(HTML) 5 Page - TE Connectivity Ltd

  5-1393117-8 Datasheet HTML 1Page - TE Connectivity Ltd 5-1393117-8 Datasheet HTML 2Page - TE Connectivity Ltd 5-1393117-8 Datasheet HTML 3Page - TE Connectivity Ltd 5-1393117-8 Datasheet HTML 4Page - TE Connectivity Ltd 5-1393117-8 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
General Purpose Relays
Industrial Relays
KUP Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
Potter & Brumfield
Product Code Arrangement
Material
Coil
Terminals
Mounting
Part Number
KUP-5A15-24
1 form C, 1 CO
AgCdO
24VAC
4.75mm (.187in) QC
Socket mount, plain case
6-1393118-0
KUP-5A15-120
120VAC
5-1393119-9
KUP-5A15-240
240VAC
6-1393118-1
KUP-5A55-120
120VAC
Bracket mount case
6-1393118-3
KUP-5D15-12
12VDC
Socket mount, plain case
6-1393118-6
KUP-5D15-24
24VDC
6-1393118-7
KUP-5D55-12
12VDC
Bracket mount case
7-1393118-0
KUP-5D55-24
24VDC
7-1393118-1
KUP-11A11-120
2 form C, 2 CO
Ag
120VAC
Socket mount, plain case
1-1393117-7
KUP-11A15-12
AgCdO
12VDC
1-1393117-8
KUP-11A15-24
24VAC
2-1393117-1
KUP-11A15-120
120VAC
1-1393117-9
KUP-11A15-240
240VAC
2-1393117-2
KUP-11A35-120
120VAC
Socket mount case w/ indicator lamp
2-1393117-5
KUP-11A55-24
24VAC
Bracket mount case
3-1393117-0
KUP-11A55-120
120VAC
2-1393117-9
KUP-11AT5-120
Top flange case
1-1393117-4
KUP-11D11-24
Ag
24VDC
Socket mount, plain case
4-1393117-2
KUP-11D15-5
AgCdO
5VDC
4-1393117-8
KUP-11D15-12
12VDC
4-1393117-4
KUP-11D15-24
24VDC
4-1393117-5
KUP-11D15-36
36VDC
4-1393117-6
KUP-11D15-110
110VDC
4-1393117-3
KUP-11D35-24
24VDC
Socket mount case w/ indicator lamp
5-1393117-3
KUP-11D55-6
6VDC
Bracket mount case
6-1393117-0
KUP-11D55-12
12VDC
5-1393117-6
KUP-11D55-24
24VDC
5-1393117-8
KUP-11D55-48
48VDC
5-1393117-9
KUP-11D55-110
110VDC
5-1393117-5
KUP-14A11-120
3 form C, 3 CO
Ag
120VAC
Socket mount, plain case
7-1393117-3
KUP-14A15-12
AgCdO
12VAC
7-1393117-7
KUP-14A15-24
24VAC
7-1393117-9
KUP-14A15-120
120VAC
7-1393117-8
KUP-14A15-240
240VAC
8-1393117-0
KUP-14A25-120
120VAC
Socket mount w/ test button
8-1393117-3
KUP-14A35-120
Socket mount w/ indicator lamp
8-1393117-7
KUP-14A35-240
240VAC
8-1393117-9
KUP-14A35F-120
AgCdO w/ Au flash 120VAC
9-1393117-0
KUP-14A45-120
AgCdO
Socket mount w/ test button, indicator lamp
9-1393117-4
KUP-14A55-24
24VAC
Bracket mount case
1393118-2
KUP-14A55-120
120VAC
9-1393117-9
KUP-14A55-240
240VAC
1393118-3
KUP-14D11-24
Ag
24VDC
Socket mount, plain case
1-1393118-0
KUP-14D15-6
AgCdO
6VDC
1-1393118-8
KUP-14D15-12
12VDC
1-1393118-3
KUP-14D15-24
24VDC
1-1393118-4
KUP-14D15-48
48VDC
1-1393118-7
KUP-14D15-110
110VDC
1-1393118-2
KUP-14D25-24
24VDC
Socket mount w/ test button
2-1393118-3
KUP-14D35-24
Socket mount w/ indicator lamp
2-1393118-7
KUP-14D35-110
110VDC
2-1393118-6
KUP-14D35F-110
AgCdO w/ Au flash
2-1393118-9
KUP-14D45-110
AgCdO
Socket mount w/ test button, indicator lamp
3-1393118-1
KUP-14D55-12
12VDC
Bracket mount case
3-1393118-7
KUP-14D55-24
24VDC
3-1393118-8
KUP-17A19-120
4 form C, 4 CO
120VAC 2.79mm (.110in) QC
Socket mount, plain case
4-1393118-2
KUP-17A55-24
24VAC
Bracket mount case
4-1393118-6
KUP-17D19-24
24VDC
Socket mount, plain case
5-1393118-0
KUP-17D55-24
24VDC
Bracket mount case
5-1393118-3


同様の部品番号 - 5-1393117-8

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
5-1393117-8 TEC-5-1393117-8 Datasheet
1Mb / 5P
   Sockets available for panel, DIN rail or PCB mounting
More results

同様の説明 - 5-1393117-8

メーカー部品番号データシート部品情報
logo
Tyco Electronics
S86R MACOM-S86R Datasheet
114Kb / 2P
   Variety of mounting styles
logo
NIC-Components Corp.
NCD331K1KVY5F NIC-NCD331K1KVY5F Datasheet
130Kb / 4P
   WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
NCD332M1KVZ5UTRF NIC-NCD332M1KVZ5UTRF Datasheet
130Kb / 4P
   WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
logo
List of Unclassifed Man...
AT401 ETC2-AT401 Datasheet
84Kb / 1P
   Wide Selection of Panel Seal Boots
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
   A wide selection of sizes is available
logo
Vishay Siliconix
SIP56XX VISHAY-SIP56XX Datasheet
173Kb / 2P
   Auto selection of S/E or LVD SCSI termination
logo
Omron Electronics LLC
EE-SX670 OMRON-EE-SX670 Datasheet
182Kb / 8P
   Photomicrosensor with Dark-ON Indicator in Variety of Mounting Styles
logo
M/A-COM Technology Solu...
AG314 MA-COM-AG314 Datasheet
473Kb / 70P
   Principles, Applications and Selection of Receiving Diodes
logo
PANDUIT CORP.
LC5-A-C8 PANDUIT-LC5-A-C8 Datasheet
488Kb / 8P
   SELECTION AND USE OF ADHESIVE BACKED MOUNTS AND DEVICES
logo
Exar Corporation
XR34350 EXAR-XR34350 Datasheet
404Kb / 20P
   Internal Termination and Wide Output Swing
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com