データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD61203U データシート(PDF) 10 Page - Hitachi Semiconductor

部品番号 HD61203U
部品情報  (Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD61203U データシート(HTML) 10 Page - Hitachi Semiconductor

Back Button HD61203U Datasheet HTML 6Page - Hitachi Semiconductor HD61203U Datasheet HTML 7Page - Hitachi Semiconductor HD61203U Datasheet HTML 8Page - Hitachi Semiconductor HD61203U Datasheet HTML 9Page - Hitachi Semiconductor HD61203U Datasheet HTML 10Page - Hitachi Semiconductor HD61203U Datasheet HTML 11Page - Hitachi Semiconductor HD61203U Datasheet HTML 12Page - Hitachi Semiconductor HD61203U Datasheet HTML 13Page - Hitachi Semiconductor HD61203U Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
HD61203U
10
Terminal
Name
Number of
Terminals
I/O
Connected to Functions
FS
1
I
V
CC or GND
Selects frequency.
When the frame frequency is 70 Hz, the oscillation
frequency should be:
f
OSC = 430 kHz at FCS = VCC
f
OSC = 215 kHz at FCS = GND
This terminal is active only in the master mode.
Connect it to V
CC in the slave mode.
DS1, DS2
2
I
V
CC or GND
Selects display duty factor.
Display Duty Factor
1/48
1/64
1/96
1/128
DS1
GND
GND
V
CC
V
CC
DS2
GND
V
CC
GND
V
CC
These terminals are valid only in the master mode.
Connect them to V
CC in the slave mode.
STB
TH
CL1
1
1
1
IV
CC or GND
Input terminal for testing
Connect to
STB V
CC.
Connect TH and CL1 to GND.
CR, R, C
3
Oscillator
In the master mode, use these terminals as shown
below:
RCR
C
RCR
C
Rf
Cf
Open
Open
External
clock
Internal oscillation
External clock
In the slave mode, stop the oscillator as shown
below:
RCR
C
Open
Open
VCC
ø1, ø2
2
O
HD61202U
Operating clock output terminals for the HD61202U
• Master mode
Connect these terminals to terminals ø1 and ø2
of the HD61202U respectively.
• Slave mode
Don’t connect any lines to these terminals.


同様の部品番号 - HD61203U

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203UFS HITACHI-HD61203UFS Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203UTE HITACHI-HD61203UTE Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203U HITACHI-HD61203U_1 Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
More results

同様の説明 - HD61203U

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U_1 Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD44103 HITACHI-HD44103 Datasheet
200Kb / 8P
   DOT MATRIX LIQUID CRYCTAL GRAPHIC DISPLAY COMMON DRIVER
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
FEDL9460-01 ETC2-FEDL9460-01 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
ML9460 ETC2-ML9460 Datasheet
392Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
LAPIS Semiconductor Co....
ML9460 LAPIS-ML9460 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
Hitachi Semiconductor
HD66204 HITACHI-HD66204 Datasheet
643Kb / 15P
   DOT MATRIX LIQUID CRYSTAL GRAPHIC DISPLAY COLUMN DRIVER WITH 80-CHANNEL OUPUTS
HD66205 HITACHI-HD66205 Datasheet
623Kb / 16P
   Dot Matrix Liquid Crystal Graphic Display Commmon Driver with 80-Channel Ouputs
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com