データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD61203U データシート(PDF) 16 Page - Hitachi Semiconductor

部品番号 HD61203U
部品情報  (Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD61203U データシート(HTML) 16 Page - Hitachi Semiconductor

Back Button HD61203U Datasheet HTML 12Page - Hitachi Semiconductor HD61203U Datasheet HTML 13Page - Hitachi Semiconductor HD61203U Datasheet HTML 14Page - Hitachi Semiconductor HD61203U Datasheet HTML 15Page - Hitachi Semiconductor HD61203U Datasheet HTML 16Page - Hitachi Semiconductor HD61203U Datasheet HTML 17Page - Hitachi Semiconductor HD61203U Datasheet HTML 18Page - Hitachi Semiconductor HD61203U Datasheet HTML 19Page - Hitachi Semiconductor HD61203U Datasheet HTML 20Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
HD61203U
16
Connection Example 1
Use with HD61202U (RAM Type Segment Driver)
1. 1/64 duty ratio (see Connection List D)
+
+
R3 V1
R3 V6
R3
V3
R3
V4
R3 V5
R3 V2
VEE
Contrast
Open
Open
VCC
+
+
+5V (VCC)
R1
R1
R2
R1
R1
–10V
0V
X1
(X64)
M
CL2
FRM
ø1
ø2
X64
(X1)
SHL
DS1
DS2
TH
CL1
FS
M/S
FCS
STB
C
CR
R
Cf
Rf
VCC
V1L, V1R
V6L, V6R
V5L, V5R
V2L, V2R
VEE
GND
DL
DR
R3 = 15
( ) is at SHL = Low
COM1
COM64
LCD panel
M
CL
FRM
ø1
ø2
HD61202U
Note:
The values of R1 and R2 vary with the LCD panel used. When bias factor is 1/9, the values of
R1 and R2 should satisfy
R1
4R1 + R2
=
1
9
For example,
R1 = 3 k
Ω, R2 = 15 kΩ
Figure 3 Example 1


同様の部品番号 - HD61203U

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203UFS HITACHI-HD61203UFS Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203UTE HITACHI-HD61203UTE Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203U HITACHI-HD61203U_1 Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
More results

同様の説明 - HD61203U

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U_1 Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD44103 HITACHI-HD44103 Datasheet
200Kb / 8P
   DOT MATRIX LIQUID CRYCTAL GRAPHIC DISPLAY COMMON DRIVER
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
FEDL9460-01 ETC2-FEDL9460-01 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
ML9460 ETC2-ML9460 Datasheet
392Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
LAPIS Semiconductor Co....
ML9460 LAPIS-ML9460 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
Hitachi Semiconductor
HD66204 HITACHI-HD66204 Datasheet
643Kb / 15P
   DOT MATRIX LIQUID CRYSTAL GRAPHIC DISPLAY COLUMN DRIVER WITH 80-CHANNEL OUPUTS
HD66205 HITACHI-HD66205 Datasheet
623Kb / 16P
   Dot Matrix Liquid Crystal Graphic Display Commmon Driver with 80-Channel Ouputs
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com