データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD61203U データシート(PDF) 24 Page - Hitachi Semiconductor

部品番号 HD61203U
部品情報  (Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD61203U データシート(HTML) 24 Page - Hitachi Semiconductor

Back Button HD61203U Datasheet HTML 20Page - Hitachi Semiconductor HD61203U Datasheet HTML 21Page - Hitachi Semiconductor HD61203U Datasheet HTML 22Page - Hitachi Semiconductor HD61203U Datasheet HTML 23Page - Hitachi Semiconductor HD61203U Datasheet HTML 24Page - Hitachi Semiconductor HD61203U Datasheet HTML 25Page - Hitachi Semiconductor HD61203U Datasheet HTML 26Page - Hitachi Semiconductor HD61203U Datasheet HTML 27Page - Hitachi Semiconductor HD61203U Datasheet HTML 28Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
HD61203U
24
5. External clock is as follows.
TH
TL
tfcp
trcp
0.7 VCC
0.5 VCC
0.3 VCC
Open Open
CR
R
C
External clock
External clock
waveform
Duty
cycle
trcp
tfcp
Min
45
Typ
50
Max
55
50
50
Unit
%
ns
ns
Duty cycle =
TH
TH + TL
× 100%
6. Applies to the shift register in the slave mode. For details, refer to AC characteristics.
7. Connect oscillation resistor (Rf) and oscillation capacitance (Cf) as shown in this figure.
Oscillation frequency (f
OSC) is twice as much as the frequency (fø) at ø1 or ø2.
Cf
Rf
CR
R
C
ø1, ø2
Cf = 20 pF
Rf = 39 k
fOSC = 2 × fø
8. No lines are connected to output terminals and current flowing through the input circuit is
excluded. This value is specified at VIH = V
CC and VIL = GND.
9. This value is specified for current flowing through GND in the following conditions: Internal
oscillation circuit is used. Each terminal of DS1, DS2, FS, SHL, M/S,
STB, and FCS is connected
to V
CC and each of CL1 and TH to GND. Oscillator is set as/ described in note 7.
10. This value is specified for current flowing through GND under the following conditions: Each
terminals of DS1, DS2, FS, SHL,
STB, FCS and CR is connected to V
CC, CL1, TH, and M/S to
GND and the terminals CL2, M, and DL are respectively connected to terminals CL2, M, and DL
of the HD61203U under the condition described in note 9.
11. This value is specified for current flowing through V
EE under the condition described in note 9.
Don’t connect any lines to terminal V.
12. This figure shows a typical relation among oscillation frequency, Rf and Cf. Oscillation frequency
may vary with the mounting conditions.
Cf = 20 pF
50
100
Rf (kΩ)
600
400
200
0


同様の部品番号 - HD61203U

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203UFS HITACHI-HD61203UFS Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203UTE HITACHI-HD61203UTE Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203U HITACHI-HD61203U_1 Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
More results

同様の説明 - HD61203U

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U_1 Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD44103 HITACHI-HD44103 Datasheet
200Kb / 8P
   DOT MATRIX LIQUID CRYCTAL GRAPHIC DISPLAY COMMON DRIVER
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
FEDL9460-01 ETC2-FEDL9460-01 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
ML9460 ETC2-ML9460 Datasheet
392Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
LAPIS Semiconductor Co....
ML9460 LAPIS-ML9460 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
Hitachi Semiconductor
HD66204 HITACHI-HD66204 Datasheet
643Kb / 15P
   DOT MATRIX LIQUID CRYSTAL GRAPHIC DISPLAY COLUMN DRIVER WITH 80-CHANNEL OUPUTS
HD66205 HITACHI-HD66205 Datasheet
623Kb / 16P
   Dot Matrix Liquid Crystal Graphic Display Commmon Driver with 80-Channel Ouputs
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com