データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD61203U データシート(PDF) 25 Page - Hitachi Semiconductor

部品番号 HD61203U
部品情報  (Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD61203U データシート(HTML) 25 Page - Hitachi Semiconductor

Back Button HD61203U Datasheet HTML 21Page - Hitachi Semiconductor HD61203U Datasheet HTML 22Page - Hitachi Semiconductor HD61203U Datasheet HTML 23Page - Hitachi Semiconductor HD61203U Datasheet HTML 24Page - Hitachi Semiconductor HD61203U Datasheet HTML 25Page - Hitachi Semiconductor HD61203U Datasheet HTML 26Page - Hitachi Semiconductor HD61203U Datasheet HTML 27Page - Hitachi Semiconductor HD61203U Datasheet HTML 28Page - Hitachi Semiconductor HD61203U Datasheet HTML 29Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
HD61203U
25
13. Resistance between terminal X and terminal V (one of V1L, V1R, V2L, V2R, V5L, V5R, V6L, and
V6R) when load current flows through one of the terminals X1 to X64. This value is specified
under the following conditions:
Terminal X
(X1 to X64)
V1L, V1R
V6L, V6R
V5L, V5R
V2L, V2R
RON
VCC–VEE = 10V
V1L = V1R, V6L = V6R = VCC – 1/7 (VCC–VEE)
V2L = V2R, V5L = V5R = VEE + 1/7 (VCC–VEE)
Connect one of the lines
The following is a description of the range of power supply voltage for liquid crystal display drive.
Apply positive voltage to V1L = V1R and V6L = V6R and negative voltage to V2L = V2R and V5L
= V5R within the
∆V range. This range allows stable impedance on driver output (RON). Notice
that
∆V depends on power supply voltage V
CC–VEE.
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
,,,,,,,,,,,,,,
∆V
∆V
VCC
V1 (V1L = V1R)
V6 (V6L = V6R)
V5 (V5L = V5R)
V2 (V2L = V2R)
VEE
3.5
2
816
VCC–VEE (V)
Range of power supply
voltage for liquid crystal
display drive
Correlation between driver output
waveform and power supply voltage
for liquid crystal display drive
Correlation between power supply
voltage VCC–VEE and ∆V
14. Specified at +75
°C for die products.


同様の部品番号 - HD61203U

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203UFS HITACHI-HD61203UFS Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203UTE HITACHI-HD61203UTE Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203U HITACHI-HD61203U_1 Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
More results

同様の説明 - HD61203U

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U_1 Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD44103 HITACHI-HD44103 Datasheet
200Kb / 8P
   DOT MATRIX LIQUID CRYCTAL GRAPHIC DISPLAY COMMON DRIVER
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
FEDL9460-01 ETC2-FEDL9460-01 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
ML9460 ETC2-ML9460 Datasheet
392Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
LAPIS Semiconductor Co....
ML9460 LAPIS-ML9460 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
Hitachi Semiconductor
HD66204 HITACHI-HD66204 Datasheet
643Kb / 15P
   DOT MATRIX LIQUID CRYSTAL GRAPHIC DISPLAY COLUMN DRIVER WITH 80-CHANNEL OUPUTS
HD66205 HITACHI-HD66205 Datasheet
623Kb / 16P
   Dot Matrix Liquid Crystal Graphic Display Commmon Driver with 80-Channel Ouputs
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com