データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD61203U データシート(PDF) 27 Page - Hitachi Semiconductor

部品番号 HD61203U
部品情報  (Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD61203U データシート(HTML) 27 Page - Hitachi Semiconductor

Back Button HD61203U Datasheet HTML 22Page - Hitachi Semiconductor HD61203U Datasheet HTML 23Page - Hitachi Semiconductor HD61203U Datasheet HTML 24Page - Hitachi Semiconductor HD61203U Datasheet HTML 25Page - Hitachi Semiconductor HD61203U Datasheet HTML 26Page - Hitachi Semiconductor HD61203U Datasheet HTML 27Page - Hitachi Semiconductor HD61203U Datasheet HTML 28Page - Hitachi Semiconductor HD61203U Datasheet HTML 29Page - Hitachi Semiconductor HD61203U Datasheet HTML 30Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
HD61203U
27
AC Characteristics (V
CC = 2.7V to 5.5V, GND = 0V, Ta = –30 to +75°C)
*2
In the Slave Mode (M/S = GND)
0.7 VCC
0.3 VCC
tf
tr
tr
tf
tDS
tDH
tWLCL2L
tWHCL2H
tWLCL2H
tWHCL2L
0.7 VCC
0.3 VCC
0.7 VCC
0.3 VCC
tDD
tDHW
0.7 VCC
0.3 VCC
CL2
(FCS = GND)
(Shift clock)
CL2
(FCS = VCC)
(Shift clock)
DL (SHL = VCC)
DR (SHL = GND)
Input data
DR (SHL = VCC)
DL (SHL = GND)
Output data
Item
Symbol
Min
Typ
Max
Unit
Note
CL2 low level width (FCS = GND)
t
WLCL2L
450
ns
CL2 high level width (FCS = GND)
t
WLCL2H
150
ns
CL2 low level width (FCS = V
CC)t WHCL2L
150
ns
CL2 high level width (FCS = V
CC)t WHCL2H
450
ns
Data setup time
t
DS
100
ns
Data hold time
t
DH
100
ns
Data delay time
t
DD
200
ns
1
Data hold time
t
DHW
10
ns
CL2 rise time
t
r
30
ns
CL2 fall time
t
f
30
ns
Notes: 1. The following load circuit is connected for specification.
30 pF (includes jig capacitance)
Output terminal
2. Specified at +75
°C for die products.


同様の部品番号 - HD61203U

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203UFS HITACHI-HD61203UFS Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203UTE HITACHI-HD61203UTE Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203U HITACHI-HD61203U_1 Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
More results

同様の説明 - HD61203U

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U_1 Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD44103 HITACHI-HD44103 Datasheet
200Kb / 8P
   DOT MATRIX LIQUID CRYCTAL GRAPHIC DISPLAY COMMON DRIVER
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
FEDL9460-01 ETC2-FEDL9460-01 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
ML9460 ETC2-ML9460 Datasheet
392Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
LAPIS Semiconductor Co....
ML9460 LAPIS-ML9460 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
Hitachi Semiconductor
HD66204 HITACHI-HD66204 Datasheet
643Kb / 15P
   DOT MATRIX LIQUID CRYSTAL GRAPHIC DISPLAY COLUMN DRIVER WITH 80-CHANNEL OUPUTS
HD66205 HITACHI-HD66205 Datasheet
623Kb / 16P
   Dot Matrix Liquid Crystal Graphic Display Commmon Driver with 80-Channel Ouputs
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com