データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD66710 データシート(PDF) 3 Page - Hitachi Semiconductor

部品番号 HD66710
部品情報  (Dot Matrix Liquid Crystal Display Controller/Driver)
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66710 データシート(HTML) 3 Page - Hitachi Semiconductor

  HD66710 Datasheet HTML 1Page - Hitachi Semiconductor HD66710 Datasheet HTML 2Page - Hitachi Semiconductor HD66710 Datasheet HTML 3Page - Hitachi Semiconductor HD66710 Datasheet HTML 4Page - Hitachi Semiconductor HD66710 Datasheet HTML 5Page - Hitachi Semiconductor HD66710 Datasheet HTML 6Page - Hitachi Semiconductor HD66710 Datasheet HTML 7Page - Hitachi Semiconductor HD66710 Datasheet HTML 8Page - Hitachi Semiconductor HD66710 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
HD66710
293
LCD-II Family Comparison
Item
LCD-II
(HD44780U)
HD66702R
HD66710
HD66712U
Power supply voltage
2.7V to 5.5V
5V ±10%
(standard)
2.7V to 5.5V
(low voltage)
2.7V to 5.5V
2.7V to 5.5V
Liquid crystal drive
voltage
3.0V to 11V
3.0V to 8.3V
3.0V to 13.0V
2.7V to 11.0V
Maximum display
digits per chip
8 characters
× 2 lines
20 characters
× 2 lines
16 characters
×
2 lines/
8 characters
×
4 lines
24 characters
×
2 lines/
12 characters
×
4 lines
Segment display
None
None
40 segments
60 segments
Display duty cycle
1/8, 1/11, and 1/16 1/8, 1/11, and 1/16 1/17 and 1/33
1/17 and 1/33
CGROM
9,920 bits
(208 5
× 8 dot
characters and
32 5
× 10 dot
characters)
7,200 bits
(160 5
× 7 dot
characters and
32 5
× 10 dot
characters)
9,600 bits
(240 5
× 8 dot
characters)
9,600 bits
(240 5
× 8 dot
characters)
CGRAM
64 bytes
64 bytes
64 bytes
64 bytes
DDRAM
80 bytes
80 bytes
80 bytes
80 bytes
SEGRAM
None
None
8 bytes
16 bytes
Segment signals
40
100
40
60
Common signals
16
16
33
34
Liquid crystal drive
waveform
ABB
B
Bleeder resistor for
LCD power supply
External
(adjustable)
External
(adjustable)
External
(adjustable)
External
(adjustable)
Clock source
Extenal resistor or
external clock
External resistor or
external clock
External resistor or
external clock
External resistor or
external clock
R
f oscillation
frequency (frame
frequency)
270 kHz ±30%
(59 to 110 Hz for
1/8 and 1/16 duty
cycle; 43 to 80 Hz
for 1/11 duty cycle)
320 kHz ±30%
(70 to 130 Hz for
1/8 and 1/16 duty
cycle; 51 to 95 Hz
for 1/11 duty cycle)
270 kHz ±30%
(56 to 103 Hz for
1/17 duty cycle; 57
to 106 Hz for 1/33
duty cycle)
270 kHz ±30%
(56 to 103 Hz for
1/17 duty cycle; 57
to 106 Hz for 1/33
duty cycle)
R
f resistance
91 k
Ω: 5-V
operation;
75 k
Ω: 3-V
operation
68 k
Ω: 5-V
operation;
56 k
Ω: (3-V
operation)
91 k
Ω: 5-V
operation;
75 k
Ω: 3-V
operation)
130 k
Ω: 5-V
operation;
110 k
Ω: 3-V
operation
Liquid crystal voltage
booster circuit
None
None
2-3 times step-
up circuit
2-3 times step-
up circuit


同様の部品番号 - HD66710

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
More results

同様の説明 - HD66710

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com