データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD66710 データシート(PDF) 4 Page - Hitachi Semiconductor

部品番号 HD66710
部品情報  (Dot Matrix Liquid Crystal Display Controller/Driver)
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66710 データシート(HTML) 4 Page - Hitachi Semiconductor

  HD66710 Datasheet HTML 1Page - Hitachi Semiconductor HD66710 Datasheet HTML 2Page - Hitachi Semiconductor HD66710 Datasheet HTML 3Page - Hitachi Semiconductor HD66710 Datasheet HTML 4Page - Hitachi Semiconductor HD66710 Datasheet HTML 5Page - Hitachi Semiconductor HD66710 Datasheet HTML 6Page - Hitachi Semiconductor HD66710 Datasheet HTML 7Page - Hitachi Semiconductor HD66710 Datasheet HTML 8Page - Hitachi Semiconductor HD66710 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
HD66710
294
Item
LCD-II
(HD44780U)
HD66702R
HD66710
HD66712U
Extension driver
control signal
Independent
control signal
Independent
control signal
Used in common
with a driver
output pin
Independent
control signal
Reset function
Power on
automatic reset
Power on
automatic reset
Power on
automatic reset
Power on
automatic reset
or reset input
Instructions
LCD-II
(HD44780)
Fully compatible
with the LCD-II
Upper compatible
with the LCD-II
Upper compatible
with the LCD-II
Number of displayed
lines
1 or 2
1 or 2
1, 2, or 4
1, 2, or 4
Low power mode
None
None
Available
Available
Horizontal scroll
Character unit
Character unit
Dot unit
Dot unit
Bus interface
4 bits/8 bits
4 bits/8 bits
4 bits/8 bits
Serial;
4 bits/8 bits
CPU bus timing
2 MHz: 5-V
operation;
1 MHz: 3-V
operation
1 MHz
2 MHz: 5-V
operation;
1 MHz: 3-V
operation
2 MHz: 5-V
operation;
1 MHz: 3-V
operation
Package
QFP-1420-80
80-pin bare chip
LQFP-2020-144
144-pin bare chip
QFP-1420-100
100-pin bare chip
TQFP1414-100
TCP-128
128-pin bare chip


同様の部品番号 - HD66710

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
More results

同様の説明 - HD66710

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com