データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8-1393148-3 データシート(PDF) 1 Page - TE Connectivity Ltd

部品番号 8-1393148-3
部品情報  Plug-in version, PCB terminals, chassis or DIN rail mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

8-1393148-3 データシート(HTML) 1 Page - TE Connectivity Ltd

  8-1393148-3 Datasheet HTML 1Page - TE Connectivity Ltd 8-1393148-3 Datasheet HTML 2Page - TE Connectivity Ltd 8-1393148-3 Datasheet HTML 3Page - TE Connectivity Ltd 8-1393148-3 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Panel/Plug-in Relays
Power Relay RM 5/6/B 3mm
n
2 and 3 pole 10/16A, 2 form A (2 NO) or 3 form A (3 NO) contacts
n
3mm contact gap
n
DC or AC coil
n
Push-to-test button
n
Plug-in version, PCB terminals, chassis or DIN rail mount
Typical applications
Power supplies, pump control.
Approvals
VDE Cert. No. 40003144, UL E214025
Technical data of approved types on request.
Contact Data
RM5
RM6
RMB
Contact arrangement
2 form A
3 form A
3 form A
2 NO
3 NO
3 NO
Contact gap
3mm
3mm
3mm
Rated voltage
400VAC
230VAC
230VAC
Max. switching voltage
440VAC
400VAC
400VAC
Rated current
16A
10A
16A
Limiting making current, max 20ms
30A
25A
30A
Switching power
6000VA
3800VA
6000VA
Contact material
AgCdO,
AgNi90/10 for RM5
Min. recommended contact load
24VDC/100mA
Frequency of operation, with/without load
960/6000h-1
Operate/release time max., DC coil
20/5ms
Bounce time max., form A, DC coil
4ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
RM5
A (NO)
16A, 230/400VAC, cos
φ=1, 35°C
100x103
RM5
A (NO)
10A, 48VDC, 70°C
30x103
RM5
A (NO)
10A, 400VAC, 70°C
30x103
RM60
A (NO)
10A, 230/400VAC, cos
φ=1, 35°C
100x103
RMB0 A (NO)
16A, 400VAC same polarity, cos
φ=1, 50°C 100x103
UL 508
RM5
A (NO)
16A, 415VAC, resistive, 50°C
100x103
RM5
A (NO)
16A, 277VAC, general purpose, 50°C
30x103
RM6
A (NO)
10A, 415VAC, resistive, DC-coil, 70°C
100x103
RM6
A (NO)
10A, 415VAC, resistive, AC-coil, 50°C
100x103
RM6
A (NO)
10A, 277VAC, gen. purp., DC-coil, 70°C
30x103
RM6
A (NO)
10A, 277VAC, gen. purp., AC-coil, 50°C
30x103
RMB
A (NO)
16A, 277VAC, general purpose, 25°C
30x103
Mechanical endurance
DC coil
20x106 operations
AC coil
20x106 operations
Coil Data
Coil voltage range
6 to 220 VDC
6 to 400 VAC
Operative range, IEC 61810
90 to 100% of rated coil voltage
Coil insulation system according UL
class 130 (B)
Coil versions, DC coil
Coil code
Rated
Coil
Rated coil
STD
LED
PD2)
LED+
voltage
resistance
power
bipolar
PD2)
VDC
Ω±10%1)
W
Coil versions, DC coil, RM5, RM6
006
L06
0A6
LA6
6
24
1.5
012
L12
0B2
LB2
12
86
1.7
024
L24
0C4
LC4
24
345
1.7
048
L48
0E8
LE8
48
1340
1.7
060
L60
0G0
LG0
60
2200
1.6
110
M10
1B0
MB0
110
7300
1.7
221
N21
2C1
NC1
220
300001)
1.6
Coil versions, DC coil, RMB
024
-
-
-
24
250
2.3
012
-
-
-
12
62.6
2.3
Operate voltage, DC coil
75% of rated coil votage
Release voltage, DC coil
10% of rated coil voltage
1) Coil resistance ±15%,
2) Protection diode PD; standard polarity: +A1 / -A2.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
RM 5/6
Z


同様の部品番号 - 8-1393148-3

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
8-1393148-3 TEC-8-1393148-3 Datasheet
363Kb / 4P
   General Purpose
More results

同様の説明 - 8-1393148-3

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
RM2 TEC-RM2 Datasheet
333Kb / 4P
   Plug-in version, PCB terminals, chassis- or DIN-rail mount
RM-8 TEC-RM-8 Datasheet
293Kb / 3P
   Chassis or DIN rail mount
V23134-A0052-C643 TEC-V23134-A0052-C643 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
logo
Altech corporation
WMRBU ALTECH-WMRBU Datasheet
304Kb / 2P
   DIN Rail, Panel Mount or Wall Mount
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ Datasheet
319Kb / 14P
   Chassis Mount or PCB Mount Form Factor
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
   plug-in or pc board terminals
logo
List of Unclassifed Man...
SRN4-C ETC2-SRN4-C Datasheet
135Kb / 2P
   Panel mount or 35mm Din Rail (EN50022)
logo
TE Connectivity Ltd
KUKUP TEC-KUKUP Datasheet
1Mb / 5P
   Sockets available for panel, DIN rail or PCB mounting
logo
Schurter Inc.
4850.2610 SCHURTER-4850.2610_V02 Datasheet
235Kb / 2P
   , 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2810 SCHURTER-4850.2810_V02 Datasheet
235Kb / 2P
   , 8-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com