データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7-1393117-3 データシート(PDF) 3 Page - TE Connectivity Ltd

部品番号 7-1393117-3
部品情報  Sockets available for panel, DIN rail or PCB mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393117-3 データシート(HTML) 3 Page - TE Connectivity Ltd

  7-1393117-3 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393117-3 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393117-3 Datasheet HTML 3Page - TE Connectivity Ltd 7-1393117-3 Datasheet HTML 4Page - TE Connectivity Ltd 7-1393117-3 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
General Purpose Relays
Industrial Relays
KUP Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
Terminal dimensions
4.75mm (.187) quick connect
5.21mm (.205) quick connect
1.19mm (.047) printed circuit
6.35mm (.250) quick connect
.205± .002
(5.21± .05)
.156
(3.96)
.093
(2.36)
.285
(7.24)
.316 REF.
(8.03)
.032
(.81)
THICKNESS
HEADER
.035
(.89)
.156
(3.96)
.032
(.81)
THICKNESS
.093
(2.36)
HEADER
.237
(6.02)
.268 REF.
(6.81)
.047
(1.19)
.180
(4.57)
.156
(3.96)
X Is For Terminal Dimensions.
See Teminal Drawings.
KUP top flange case
KUP core / stud mount case
.125
(3.18)
.078
(1.98)
.187±.002
(4.75±.05)
.250
(6.35)
281 REF.
(7.14)
THICKNESS
.020
(.51)
HEADER
.125 DIA.
(3.18)
.035
(.89)
.250 ± .0 03
(6.35 ± .08)
HEADER
.305
(7.75)
.312
(7.92)
.106
(2.69)
.358 REF.
(9.09)
THICKNESS
.032
(0.81)
KUP plain case
X
X
X
X
.187 (4.75) DIA.
PUSH-TO-TEST BUTT ON
AVAILABLE
.288
(7.32)
1.968 MAX.†
(49.99)
1.906 MAX.‡
(48.41)
.219 MAX.
(5.56)
1.531 MAX.
(38.89)
1
2
3
4
5
6
7
8
9
A
B
1.406 MAX.
(35.71)
1.39 MAX.*
(35.3)
1.29 MAX.**
(32.8)
1.25 MAX.***
(31.8)
1.968 MAX.†
(49.99)
1.906 MAX.‡
(48.41)
X
1.43 MAX.
(36.27)
.437 .010
(11.10 .25)
.130
(3.30)
1.74 MAX.
(44.2)
.312
(7.92)
STUD with
#6-32THREAD
or CORE TAPPED
#6-32
.085 MAX.
(2.16)
#6-32 THREAD
1.968 MAX. †
(49.99)
1.906 MAX. ‡
(48.41)
.38
(9.7)
.16
(4.1)
1
2
3
4
5
6
7
8
9
A
B
1.518 MAX.
(38.56)
1.373 ± .010
(34.87 ± .25)
1.713 ± .0 03
(43.51 ± .08)
1.989 ± .0 03
(50.52)
.178TYP.
(4.52)
2.248 MAX.
(57.10)
.078 TYP.
(1.98)
KUP bracket mount case
1.968 MAX.†
(49.99)
1.906 MAX.‡
(48.41)
.75
(19.1)
2.90 MAX.
(73.7)
.078 R.TYP.
(1.98)
X
1.531 MAX.
(38.89)
.312
TYP.
(7.92)
.375
(9.53)
.437
(11.10)
X
2.500
(63.50)
X
.625TYP.
(15.88)
.06
(1.52)
PUSH-TO-TEST BUTTON
AVAILABLE
.07
(1.8)
KUP stud on end case
† Dimensions with .250” (6.35mm) terminals.
‡ Dimensions with .187” (4.75mm and .205” 5.21mm) terminals.
*Dimensions with .250” (6.35mm) terminals.
** Dimensions with .110” (2.79mm) or .205”(5.21mm) terminals.
*** Dimensions with .187” (4.75mm) terminals.
Terminal assignment
1 Form X
1 Form C
2 Form C
3 Form C
4 Form C
1 Form A (delete 2)
2 Form A (delete 1 & 3)
3 Form A (delete 1, 2 & 3)
4
6
A
B
A
B
7
5
2
7
4
A
B
1
9
6
3
A
B
7
4
1
9
6
3
8
5
2
A
B
9
1
5
10
2
6
11
7
3
4
8
12
Dimensions (continued)


同様の部品番号 - 7-1393117-3

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
7-1393117-3 TEC-7-1393117-3 Datasheet
1Mb / 5P
   Wide selection of termination and mounting styles
More results

同様の説明 - 7-1393117-3

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BMXXBP0800 ETC-BMXXBP0800 Datasheet
72Kb / 1P
   panel, plate or DIN rail mounting
BMXXBP1200 ETC-BMXXBP1200 Datasheet
67Kb / 1P
   panel, plate or DIN rail mounting
logo
Schneider Electric
BMXXBP0600 SCHNEIDER-BMXXBP0600 Datasheet
105Kb / 5P
   rack M340 - 6 slots - panel, plate or DIN rail mounting
Aug 10, 2019
BMXXBP0400 SCHNEIDER-BMXXBP0400 Datasheet
106Kb / 5P
   rack M340 - 4 slots - panel, plate or DIN rail mounting
Aug 11, 2019
BMXXBP0600H SCHNEIDER-BMXXBP0600H Datasheet
105Kb / 5P
   ruggedized rack M340 - 6 slots - panel, plate or DIN rail mounting
Aug 11, 2019
BMXXBP0800H SCHNEIDER-BMXXBP0800H Datasheet
104Kb / 5P
   ruggedized rack M340 - 8 slots - panel, plate or DIN rail mounting
Aug 10, 2019
BMXXBP0400H SCHNEIDER-BMXXBP0400H Datasheet
106Kb / 5P
   ruggedized rack M340 - 4 slots - panel, plate or DIN rail mounting
Aug 10, 2019
logo
Pepperl+Fuchs Inc.
UPR-INS-03 PF-UPR-INS-03 Datasheet
432Kb / 2P
   Insert for DIN Mounting Rail
2020-09-23
UPR-COVER PF-UPR-COVER Datasheet
366Kb / 2P
   Cover for DIN Mounting Rail
2021-04-08
POWERBUS-COV.250 PF-POWERBUS-COV.250 Datasheet
361Kb / 2P
   Cover for DIN Mounting Rail
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com