データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLU3715 データシート(PDF) 1 Page - International Rectifier

部品番号 IRLU3715
部品情報  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLU3715 データシート(HTML) 1 Page - International Rectifier

  IRLU3715 Datasheet HTML 1Page - International Rectifier IRLU3715 Datasheet HTML 2Page - International Rectifier IRLU3715 Datasheet HTML 3Page - International Rectifier IRLU3715 Datasheet HTML 4Page - International Rectifier IRLU3715 Datasheet HTML 5Page - International Rectifier IRLU3715 Datasheet HTML 6Page - International Rectifier IRLU3715 Datasheet HTML 7Page - International Rectifier IRLU3715 Datasheet HTML 8Page - International Rectifier IRLU3715 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-to-Source Voltage
± 20
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
54
„
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
38
„
A
IDM
Pulsed Drain Current

210
PD @TC = 25°C
Maximum Power Dissipation
71
W
PD @TA = 25°C
Maximum Power Dissipation
…
3.8
W
Linear Derating Factor
0.48
W/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 175
°C
www.irf.com
1
06/28/01
IRLR3715
IRLU3715
SMPS MOSFET
HEXFET® Power MOSFET
Notes
 through … are on page 10
Absolute Maximum Ratings
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.1
RθJA
Junction-to-Ambient
–––
110
°C/W
RθJA
Junction-to-Ambient (PCB mount)
…
–––
50
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l High Frequency Buck Converters for
Computer Processor Power
VDSS
RDS(on) max
ID
20V
14m
54A
D-Pak
I-Pak
IRLR3715
IRLU3715
PD - 94177


同様の部品番号 - IRLU3715

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLU3715PBF IRF-IRLU3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRLU3715Z IRF-IRLU3715Z Datasheet
202Kb / 11P
   HEXFET Power MOSFET
IRLU3715Z IRF-IRLU3715Z Datasheet
211Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Inchange Semiconductor ...
IRLU3715Z ISC-IRLU3715Z Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU3715ZCPBF IRF-IRLU3715ZCPBF Datasheet
293Kb / 11P
   HEXFET Power MOSFET
More results

同様の説明 - IRLU3715

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com