データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLU3715 データシート(PDF) 10 Page - International Rectifier

部品番号 IRLU3715
部品情報  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLU3715 データシート(HTML) 10 Page - International Rectifier

Back Button IRLU3715 Datasheet HTML 2Page - International Rectifier IRLU3715 Datasheet HTML 3Page - International Rectifier IRLU3715 Datasheet HTML 4Page - International Rectifier IRLU3715 Datasheet HTML 5Page - International Rectifier IRLU3715 Datasheet HTML 6Page - International Rectifier IRLU3715 Datasheet HTML 7Page - International Rectifier IRLU3715 Datasheet HTML 8Page - International Rectifier IRLU3715 Datasheet HTML 9Page - International Rectifier IRLU3715 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRLR/U3715
10
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.06/01
TR
16.3 ( .641 )
15.7 ( .619 )
8 .1 ( .3 18 )
7 .9 ( .3 12 )
12.1 ( .476 )
11.9 ( .469 )
F E E D DIRE CT IO N
F E E D DIR E CT IO N
16.3 ( .641 )
15.7 ( .619 )
TR R
TR L
NO T ES :
1 . CO NT RO L L ING DIM EN S IO N : M IL L IM ET E R.
2. ALL D IM EN SIO N S AR E SH O W N IN M ILLIM ET E R S ( IN C H E S ).
3 . O U T L IN E C O N F O R M S T O EIA-4 81 & EIA-54 1 .
NO T ES :
1. O U T L IN E C O N F O R M S T O E IA-481.
16 m m
13 IN C H
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 0.51mH
RG = 25Ω, IAS = 21A,VGS=10V
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Calculated continuous current based on maximum
allowable junction temperature. Package limitation
current is 30A.
Notes:
… When mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer
to application note #AN-994


同様の部品番号 - IRLU3715

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLU3715PBF IRF-IRLU3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRLU3715Z IRF-IRLU3715Z Datasheet
202Kb / 11P
   HEXFET Power MOSFET
IRLU3715Z IRF-IRLU3715Z Datasheet
211Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Inchange Semiconductor ...
IRLU3715Z ISC-IRLU3715Z Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU3715ZCPBF IRF-IRLU3715ZCPBF Datasheet
293Kb / 11P
   HEXFET Power MOSFET
More results

同様の説明 - IRLU3715

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com