データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Q12-U24-XP データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 Q12-U24-XP
部品情報  UL8750 and CE compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

Q12-U24-XP データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  Q12-U24-XP Datasheet HTML 1Page - List of Unclassifed Manufacturers Q12-U24-XP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2 
 
www.magtechind.com   Tel: 702‐364‐9998
Q12 Series
Preliminary
Product Specifications
ANZ#: Z219, May 19, 2014
High Power LED Driver
Total Power
12 Watts max.
Input Voltages
110 ~ 277VAC
Number of Outputs
One
 
SPECIAL FEATURES
 Universal Input range from 100VAC~304VAC, 50/60Hz
 Versatile mechanical design maximizes design flexibility.
 Size: XP: TBD (LxWxH)
 Fully potted, suitable for dry and damp location applications
 4 in 1 Dimming Control plus “ENABLE” input
 UL8750 and CE compliant (pending)
 Wide selection of pre-adjusted C/C outputs (factory setting)
ENVIRONMENTAL
Operating temperature:
-40 to +50
⁰ C, Tc: 80 ⁰ C
Storage temperature:
-40 to +85
⁰ C
Humidity (Non-Condensing):
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 50 Hz
MTBF:
>100,000 Hours at full load and 25ºC ambient conditions
(TELC3 – Telcordia SR-332, Issue 3)
SPECIFICATIONS :
Input Range : 100 ~ 277VAC
Frequency : 47 to 63Hz
Power Factor: > 0.92 at 65% to 100% load, 115VAC or 230VAC
Inrush Current : 25.0 Amps max. at 230VAC, cold start 25
C
Input Current : 0.25 Amps max. at 115VAC
Efficiency : 87% Typical
Output Current Regulation : ±3%
Maximum Power : 12W
Protection : OCP, SCP, O
LP – Auto Recovery
Leakage Current : 50uA typ.
Control : 0-10V dimmer; PWM (250-3KHz); Potentiometer; Enable
Dimension:
XP: TBD (LxWxH)
Hold up time: Half cycle min. at 120VAC and 80% rated load
Regulation Compliance: UL8750 or EN61347, EN55015, EN61547
MODEL SELECTION :
Model Number
Constant Voltage Mode
Model Number
Constant Current Mode
V (DC)
A (mA)
Max. W
A (mA)
V (DC)
Max. W
Q12-U12-XP
12, ±5%
1000
12
Q12-U12-Cyyyy-Xz
1300 ~ 1000
6 ~ 12
12
Q12-U24-XP
24, ±5%
500
12
Q12-U24-Cyyyy-Xz
675 ~ 500
14 ~ 24
12
Q12-U36-XP
36, ±5%
335
12
Q12-U30-Cyyyy-Xz
540 ~ 400
19 ~ 30
12
Q12-U48-XP
48, ±5%
850
12
Q12-U36-Cyyyy-Xz
450 ~ 335
23 ~ 36
12
Notes: yyyy = Output current
“z” = P for plastic or M for metal enclosure
Q12-U42-Cyyyy-Xz
385 ~ 285
27 ~ 42
12
Q12-U48-Cyyyy-Xz
360 ~ 250
30 ~ 48
12
Q12-U54-Cyyyy-Xz
300 ~ 220
34 ~ 54
12
Dimming Wiring Diagram
 
 
Picture shown above is not to scale
Picture Not Available
(+)
(-)
PWM
(250Hz~2KHz)
LED Driver
-V out
(BLACK)
+V out
(RED)
+10V OUT
(YELLOW)
NC/CAP
PWM Controller
(+)
(-)
DIMMER
(sinking)
LED Driver
-V out
(BLACK)
+V out
(RED)
Maximum
current
output:
Typically
6mA.
(+)
(-)
DIMMER
(sourcing)
LED Driver
-V out
(BLACK)
+V out
(RED)
+10V OUT
(YELLOW)
NC/CAP
Maximum current
required: 1mA max
per LF1048 driver.
10K ohm (min)
potentiometer
LED Driver
-V out
(BLACK)
+V out
(RED)


同様の部品番号 - Q12-U24-XP

メーカー部品番号データシート部品情報
logo
Powerbox
Q12-5 POWERBOX-Q12-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
More results

同様の説明 - Q12-U24-XP

メーカー部品番号データシート部品情報
logo
Laird Tech Smart Techno...
POE-PS-150-001 LSTD-POE-PS-150-001 Datasheet
275Kb / 1P
   FCC and CE approved
logo
TE Connectivity Ltd
M5600 TEC-M5600 Datasheet
135Kb / 4P
   CE Compliant with a Variety of Pressure Ports
logo
Laird Tech Smart Techno...
POE-48ID LSTD-POE-48ID Datasheet
760Kb / 2P
   FCC and CE approved
logo
Minmax Technology Co., ...
APM-40 MINMAX-APM-40 Datasheet
555Kb / 5P
   CE Marking with EMC and LVD
AYM-60 MINMAX-AYM-60 Datasheet
548Kb / 5P
   CE Marking with EMC and LVD
AJM-24 MINMAX-AJM-24 Datasheet
556Kb / 5P
   CE Marking with EMC and LVD
logo
Crydom Inc.,
CL240D05 CRYDOM-CL240D05 Datasheet
673Kb / 5P
   Ratings of 5A and10A @ 24-280 VAC UL Approved, CE and RoHS Compliant AC or DC control
logo
HB Electronic Component...
MR16-36PCS-W3-GU10 HB-MR16-36PCS-W3-GU10 Datasheet
548Kb / 2P
   CE Approved
logo
List of Unclassifed Man...
UL1970 ETC-UL1970 Datasheet
172Kb / 3P
   OBUDOWA CE 71
UL7523N ETC-UL7523N Datasheet
148Kb / 2P
   OBIDOWA CE 70
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com