データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N.FL-R-SMT-1(60) データシート(PDF) 5 Page - Hirose Electric

部品番号 N.FL-R-SMT-1(60)
部品情報  Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HIROSE [Hirose Electric]
ホームページ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

N.FL-R-SMT-1(60) データシート(HTML) 5 Page - Hirose Electric

  N.FL-R-SMT-1(60) Datasheet HTML 1Page - Hirose Electric N.FL-R-SMT-1(60) Datasheet HTML 2Page - Hirose Electric N.FL-R-SMT-1(60) Datasheet HTML 3Page - Hirose Electric N.FL-R-SMT-1(60) Datasheet HTML 4Page - Hirose Electric N.FL-R-SMT-1(60) Datasheet HTML 5Page - Hirose Electric N.FL-R-SMT-1(60) Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
N.FL Series
Lightweight SMT Miniature Coaxial Connectors – 1.4 mm Mated Heightproduct)
This jig is used for extraction from a mating condition.
U. FL/
90
50
All dimensions: mm
SMA Conversion Adapter
Note: When mating with corresponding part (N.FL-R-
SMT-1) must be pressed down and held to make
complete connection.
Part No.
HRMJ-N.FLP-ST5
HRS No.
RoHS
311-0423-2
All dimensions: mm
(18.3)
5.5
6
1/4-36UNS-2A
(4)
Note: Applicable to all the U.FL-LP(V)-040, U.FL-LP-062 and N.FL.
Part No.
U.FL-LP(V)-N-2
RoHS
HRS No.
331-0493-2
Plug extraction tool
Note: Applicable to both N.FL and U.FL.
Part No.
HRMJ-U.FLP(40)
HRS No.
RoHS
311-0301-5 40
All dimensions: mm
SMA Conversion Adapter (N.FL / U.FL side plug - SMA side jack)
Note: The FL side mating portions has a lower lock retention
force than the regular product, therefore, cannot be used
for purposes other than performance measurements.
14.05
1/4-36UNS-2A
65.6
(4.05)
■Conversion Adapters
Part No.
HRMP-U.FLJ(40)
HRS No.
RoHS
311-0300-2 40
All dimensions: mm
SMA Conversion Adapter (N.FL / U.FL side jack - SMA side plug)
Note: The FL side mating portions has a lower lock retention
force than the regular product, therefore, cannot be used
for purposes other than performance measurements.
(10.7)
8HEX
Note: Applicable to both N.FL and U.FL.
■Receptacle Inspection Adapter
Part No.
U.FL-R-1
HRS No.
RoHS
331-0466-0
All dimensions: mm
Used for inspecting the performance
parameters of the cable assembly.
12.9
5
7HEX
M5∞0.5
1
(7.9)
(4.4)
(12.9)
For distinction with
W.FL-LP-IN.
All dimensions: mm
Part No.
U.FL-LP-IN
RoHS
HRS No.
331-0334-9
This tool is used for mating a plug.
Plug mating tool
Note: Applicable to both N.FL and U.FL.


同様の部品番号 - N.FL-R-SMT-1(60)

メーカー部品番号データシート部品情報
logo
Hirose Electric
N.FL-R-SMT-1 HIROSE-N.FL-R-SMT-1 Datasheet
227Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
More results

同様の説明 - N.FL-R-SMT-1(60)

メーカー部品番号データシート部品情報
logo
Hirose Electric
N-FL HIROSE-N-FL Datasheet
227Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
X.FL HIROSE-X.FL Datasheet
965Kb / 8P
   Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
logo
List of Unclassifed Man...
DF38-30P-SHL ETC2-DF38-30P-SHL Datasheet
419Kb / 10P
   0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
logo
Hirose Electric
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
SOURIAU-SUNBANK Connect...
8MCJS505 SOURIAU-8MCJS505 Datasheet
4Mb / 42P
   Miniature Lightweight High Density Connectors
logo
Hirose Electric
C.FL HIROSE-C.FL Datasheet
332Kb / 8P
   0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
2022.1
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com