データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4-1393230-7 データシート(PDF) 3 Page - TE Connectivity Ltd

部品番号 4-1393230-7
部品情報  General Purpose Relays PCB Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1393230-7 データシート(HTML) 3 Page - TE Connectivity Ltd

  4-1393230-7 Datasheet HTML 1Page - TE Connectivity Ltd 4-1393230-7 Datasheet HTML 2Page - TE Connectivity Ltd 4-1393230-7 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RPII/1 (Continued)
Product code
Version
Contact arrangementContact material
Pinning
Coil
Part number
RP310012
16A, flux proof
1 form C (CO) contact
AgCdO
5mm 16A
12VDC
2-1393230-9
RP310024
24VDC
3-1393230-2
RP310048
48VDC
3-1393230-3
RP330012
1 form A (NO) contact
12VDC
4-1393230-7
RP330024
24VDC
4-1393230-9
RP330048
48VDC
5-1393230-1
RP410024
12A, flux proof
1 form C (CO) contact
5mm 8/12A
24VDC
8-1393230-2
RP411024
8A, flux proof
AgNi0.15
9-1393230-5
RP412024
3.5mm
1-1393231-2
RP418012
12A, flux proof
AgCdO
12VDC
2-1393231-5
RP418024
24VDC
2-1393231-8
RP438012
1 form A (NO) contact
12VDC
5-1393231-0
RP710012
16A, wash tight
1 form C (CO) contact
5mm 16A
7-1393231-2
RP710024
24VDC
7-1393231-5
RP730012
1 form A (NO) contact
12VDC
8-1393231-2
RP818012
12A, wash tight
3.5mm
1-1393232-7
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request


同様の部品番号 - 4-1393230-7

メーカー部品番号データシート部品情報
logo
Tyco Electronics
4-1393230-7 MACOM-4-1393230-7 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
More results

同様の説明 - 4-1393230-7

メーカー部品番号データシート部品情報
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
6-1415029-1 MACOM-6-1415029-1 Datasheet
419Kb / 2P
   General Purpose Relays PCB Relays
04-2011, Rev. 0411
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
PCB-PE TEC-PCB-PE Datasheet
253Kb / 2P
   General Purpose Relays PCB Relays
logo
Tyco Electronics
5-1415520-1 MACOM-5-1415520-1 Datasheet
480Kb / 3P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
T73 TEC-T73 Datasheet
438Kb / 2P
   General Purpose Relays PCB Relays
logo
Tyco Electronics
V23061B1002A401 MACOM-V23061B1002A401 Datasheet
407Kb / 3P
   General Purpose Relays PCB Relays
RTD14012AP MACOM-RTD14012AP Datasheet
566Kb / 3P
   General Purpose Relays PCB Relays
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com